Electronic Components Datasheet Search
  English  ▼

X  

82802AC Datasheet(PDF) 24 Page - Intel Corporation

Part # 82802AC
Description  Firmware Hub (FWH)
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

82802AC Datasheet(HTML) 24 Page - Intel Corporation

Back Button 82802AC Datasheet HTML 20Page - Intel Corporation 82802AC Datasheet HTML 21Page - Intel Corporation 82802AC Datasheet HTML 22Page - Intel Corporation 82802AC Datasheet HTML 23Page - Intel Corporation 82802AC Datasheet HTML 24Page - Intel Corporation 82802AC Datasheet HTML 25Page - Intel Corporation 82802AC Datasheet HTML 26Page - Intel Corporation 82802AC Datasheet HTML 27Page - Intel Corporation 82802AC Datasheet HTML 28Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 53 page
background image
Intel
® 82802AB/AC Firmware Hub
R
24
Datasheet
Table 5.
Intel Firmware Hub Register Configuration Map
Memory
Address
Mnemonic
Register Name
Default
Type
FFBF0002h
T_BLOCK_LK
Top Block Lock Register (4-8-Mbit FWH)
01h
R/W
FFBE0002h
T_MINUS01_LK
Top Block [-1] Lock Register (4-8-Mbit FWH)
01h
R/W
FFBD0002h
T_MINUS02_LK
Top Block [-2] Lock Register (4-8-Mbit FWH)
01h
R/W
FFBC0002h
T_MINUS03_LK
Top Block [-3] Lock Register (4-8-Mbit FWH)
01h
R/W
FFBB0002h
T_MINUS04_LK
Top Block [-4] Lock Register (4-8-Mbit FWH)
01h
R/W
FFBA0002h
T_MINUS05_LK
Top Block [-5] Lock Register (4-8-Mbit FWH)
01h
R/W
FFB90002h
T_MINUS06_LK
Top Block [-6] Lock Register (4-8-Mbit FWH)
01h
R/W
FFB80002h
T_MINUS07_LK
Top Block [-7] Lock Register (4-8-Mbit FWH)
01h
R/W
FFB70002h
T_MINUS08_LK
Top Block [-8] Lock Register (8-Mbit FWH)
01h
R/W
FFB60002h
T_MINUS09_LK
Top Block [-9] Lock Register (8-Mbit FWH)
01h
R/W
FFB50002h
T_MINUS10_LK
Top Block [-10] Lock Register (8-Mbit FWH)
01h
R/W
FFB40002h
T_MINUS11_LK
Top Block [-11] Lock Register (8-Mbit FWH)
01h
R/W
FFB30002h
T_MINUS12_LK
Top Block [-12] Lock Register (8-Mbit FWH)
01h
R/W
FFB20002h
T_MINUS13_LK
Top Block [-13] Lock Register (8-Mbit FWH)
01h
R/W
FFB10002h
T_MINUS14_LK
Top Block [-14] Lock Register (8-Mbit FWH)
01h
R/W
FFB00002h
T_MINUS15_LK
Top Block [-15] Lock Register (8-Mbit FWH)
01h
R/W
FFBC0100h
FGPI_REG
FWH General-Purpose Input Register
N/A
RO
FFBC015Fh
RNG Hardware Status Register
40h*
R/W
FFBC0160h
RNG Data Status Register
0
RO
FFBC0161h
RNG Data Register
N/A
RO
* Assumes RNG is present and not disabled.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com