Electronic Components Datasheet Search
  English  ▼

X  

82802AC Datasheet(PDF) 43 Page - Intel Corporation

Part # 82802AC
Description  Firmware Hub (FWH)
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

82802AC Datasheet(HTML) 43 Page - Intel Corporation

Back Button 82802AC Datasheet HTML 39Page - Intel Corporation 82802AC Datasheet HTML 40Page - Intel Corporation 82802AC Datasheet HTML 41Page - Intel Corporation 82802AC Datasheet HTML 42Page - Intel Corporation 82802AC Datasheet HTML 43Page - Intel Corporation 82802AC Datasheet HTML 44Page - Intel Corporation 82802AC Datasheet HTML 45Page - Intel Corporation 82802AC Datasheet HTML 46Page - Intel Corporation 82802AC Datasheet HTML 47Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 53 page
background image
Intel
® 82802AB/AC Firmware Hub
R
Datasheet
43
Clock
Cycle
Field
Name
Field Contents
1
FWH[3:0]
FWH[3:0]
Direction
Comments
16
TAR0
1111
OUT
then float
In this clock cycle, the FWH has driven the bus to all
1s and then floats the bus prior to the next clock
cycle. This is the first part of the bus “turnaround
cycle.”
17
TAR1
1111 (float)
Float then
IN
The master (Intel ICH) resumes control of the bus
during this cycle.
Note:
1. Field contents are valid on the rising edge of the present clock cycle.
5.4.1.4.
Write Waveforms
Figure 11.
Write Waveforms
IMADDR
STR
CLK
FWH[3:0]
FWH4
IDS
IMS
TAR
SYN
C
DATA
TAR
5.4.1.5.
Response To Invalid Fields
During FWH operations, the Intel FWH will not explicitly indicate that it has received invalid field
sequences. The response to specific invalid fields or sequences is as follows:
• Address out of range: The Intel FWH address sequence is 7 fields long (28 bits), but only the last
five address fields (20 bits) will be decoded by an 8-Mbit FWH. (For a 4-Mbit density, the most-
significant bit (FWH3) in the third address field also will be ignored.) The Intel FWH will respond
to these lower addresses, regardless of the value of the more-significant address bits. Address A22
has the special function of directing reads and writes to the flash core (A22 = 1) or to the register
space (A22 = 0).
• Invalid IMSIZE field: If the Intel FWH receives an invalid size field during a read or write
operation, the internal state machine will reset and no operation will be attempted. The Intel FWH
will generate no response of any kind in this situation. Invalid-size fields for a read cycle are
anything but 0000. Invalid-size fields for a write cycle are anything but 0000. When accessing
register space, invalid field sizes are anything but 0000.
• Non-page-aligned address: The Intel FWH assumes that multibyte read addresses are page aligned
(i.e., for a 32-byte access, the lower 5 address bits will be zero). If they are not zero, the first byte
of data returned by the Intel FWH will correspond to that explicit address, and subsequent data will
be as if the first address was indeed page aligned.
Once valid START, IDSEL, and IMSIZE fields are received, the Intel FWH always will respond to
subsequent inputs as if they were valid. As long as the states of FWH [3:0] and FWH4 are known, the
response of the Intel FWH to signals received during the FWH cycle should be predictable. The Intel
FWH will make no attempt to check the validity of incoming flash operation commands.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com