Electronic Components Datasheet Search
  English  ▼

X  

82802AC Datasheet(PDF) 26 Page - Intel Corporation

Part # 82802AC
Description  Firmware Hub (FWH)
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

82802AC Datasheet(HTML) 26 Page - Intel Corporation

Back Button 82802AC Datasheet HTML 22Page - Intel Corporation 82802AC Datasheet HTML 23Page - Intel Corporation 82802AC Datasheet HTML 24Page - Intel Corporation 82802AC Datasheet HTML 25Page - Intel Corporation 82802AC Datasheet HTML 26Page - Intel Corporation 82802AC Datasheet HTML 27Page - Intel Corporation 82802AC Datasheet HTML 28Page - Intel Corporation 82802AC Datasheet HTML 29Page - Intel Corporation 82802AC Datasheet HTML 30Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 53 page
background image
Intel
® 82802AB/AC Firmware Hub
R
26
Datasheet
Write Lock
The default write status of all blocks upon power-up is write-locked. Any program or erase operations
attempted on a locked block will return an error in the status register (indicating block lock). The status
of the locked block can be changed to unlocked by clearing the write-lock bit, provided the lock-down
bit also is not set. The current write-lock status of a particular block can be determined by reading the
corresponding write-lock bit. The write-lock functions in conjunction with the hardware write-lock pins,
TBL# and WP#. When active, these pins take precedence over the register locking function and write-
lock the top block or remaining blocks, respectively. Reading this register will not read the state of the
TBL# or WP# pin.
Read Lock
The default read status of all blocks upon power-up is read-unlocked. When a block’s read-lock bit is set,
data cannot be read from that block. An attempted read from a read-locked block will result in the data
00h. (Note that failure is not reflected in the status register.) The read-lock status can be unlocked by
clearing the read-lock bit, provided the lock-down bit has not been set. The current read-lock status of a
particular block can be determined by reading the corresponding read-lock bit.
Lock-Down
In the Intel FWH interface mode, the default lock-down status of all blocks upon power-up is not-locked-
down. The lock-down bit for any block may be set, but only once, because future attempts to change that
block-locking register will be ignored. The lock-down bit is cleared only upon a device reset with RST#
or INIT#. The current lock-down status of a particular block can be determined by reading the
corresponding lock-down bit. Once a block’s lock-down bit is set, the read- and write-lock bits for that
block can no longer be modified, and the block is locked-down in its current state of read and write
accessibility.
4.9.2.
General-Purpose Input Register
This register reads the status of the FGPI [4:0] pins on the Intel FWH. Since this is a pass-through
register, there is no default value, only the state of the pins at power-up.
4.9.2.1.
GPI_REG — General-Purpose Input Register
Memory Address:
FFBC0100h
Default Value:
N/A
Access:
R0
Size:
8 bits
Bit
Function
7:5
Reserved
4
FGPI[4]. Reads status of general-purpose input pin (PLCC-30/TSOP-7).
3
FGPI[3]. Reads status of general-purpose input pin (PLCC-3/TSOP-15).
2
FGPI[2]. Reads status of general-purpose input pin (PLCC-4/TSOP-16).
1
FGPI[1]. Reads status of general-purpose input pin (PLCC-5/TSOP-17).
0
FGPI[0]. Reads status of general-purpose input pin (PLCC-6/TSOP-18).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com