Electronic Components Datasheet Search
  English  ▼

X  

82802AC Datasheet(PDF) 51 Page - Intel Corporation

Part # 82802AC
Description  Firmware Hub (FWH)
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

82802AC Datasheet(HTML) 51 Page - Intel Corporation

Back Button 82802AC Datasheet HTML 45Page - Intel Corporation 82802AC Datasheet HTML 46Page - Intel Corporation 82802AC Datasheet HTML 47Page - Intel Corporation 82802AC Datasheet HTML 48Page - Intel Corporation 82802AC Datasheet HTML 49Page - Intel Corporation 82802AC Datasheet HTML 50Page - Intel Corporation 82802AC Datasheet HTML 51Page - Intel Corporation 82802AC Datasheet HTML 52Page - Intel Corporation 82802AC Datasheet HTML 53Page - Intel Corporation  
Zoom Inzoom in Zoom Outzoom out
 51 / 53 page
background image
Intel
® 82802AB/AC Firmware Hub
R
Datasheet
51
6.4.4.
A/A Mux Write Operations (1,2)
#
Symbol
Parameter
Notes
Min.
Max.
Units
W1
tPHWL
RP# high recovery to WE# low
1
µs
W2
tWLWH
Write pulse width low
100
ns
W3
tDVWH
Data setup to WE# high
1
50
ns
W4
tWHDX
Data hold from WE# high
1
5
ns
W5
tAVCL
Row address setup to R/C# low
1
50
ns
W6
tCLAX
Row address hold from R/C# low
1
50
ns
W7
tAVCH
Column address setup to R/C# high
1
50
ns
W8
tCHAX
Column address hold from R/C# high
1
50
ns
W9
tWHWL
Write pulse width high
100
ns
W10
tCHWH
R/C# high setup to WE# high
50
ns
W11
tVPWH
VPP1,2 setup to WE# high
100
ns
W12
tWHGL
Write recovery before read
150
ns
W13
tWHRL
WE# high to RY/BY# going low
0
ns
W14
tQVVL
VPP1,2 hold from valid SRD, RY/BY# high
0
ns
Note:
1. Refer to Table 6-28 [?] for valid AIN and DIN for block erase or program or other commands.
2. Tc = 0 °C to + 85 °C, 3.3 V ± 0.3 V VCC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com