Electronic Components Datasheet Search
  English  ▼

X  

82802AC Datasheet(PDF) 20 Page - Intel Corporation

Part # 82802AC
Description  Firmware Hub (FWH)
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

82802AC Datasheet(HTML) 20 Page - Intel Corporation

Back Button 82802AC Datasheet HTML 16Page - Intel Corporation 82802AC Datasheet HTML 17Page - Intel Corporation 82802AC Datasheet HTML 18Page - Intel Corporation 82802AC Datasheet HTML 19Page - Intel Corporation 82802AC Datasheet HTML 20Page - Intel Corporation 82802AC Datasheet HTML 21Page - Intel Corporation 82802AC Datasheet HTML 22Page - Intel Corporation 82802AC Datasheet HTML 23Page - Intel Corporation 82802AC Datasheet HTML 24Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 53 page
background image
Intel
® 82802AB/AC Firmware Hub
R
20
Datasheet
Table 3.
Status Register Definition
7
6
5
4
3
2
1
0
WSMS
ESS
ES
PS
VPPS
PSS
DPS
R
Bit
Description
7
Write State Machine Status (SR.7). Check SR.7 to determine block erase or program completion.
SR.6–0 are invalid while SR.7 = 0.
1 = Ready
0 = Busy
6
Erase Suspend Status (SR.6).
1 = Block erase suspended
0 = Block erase in progress/completed
5
Erase Status (SR.5). If both SR.5 and SR.4 are 1s after a block erase attempt, an improper command
sequence was entered.
1 = Error in block erasure
0 = Successful block erase
4
Program Status (SR.4).
1 = Error in program
0 = Successful program
3
VPP Status (SR.3). SR.3 does not provide a continuous indication of VPP level. The WSM interrogates
and indicates the VPP level only after a block erase or program operation. SR.3 is not guaranteed to
reports accurate feedback only when VPP
≠ VPPH1/2.
1 = VPP low detect, operation abort
0 = VPP OK
2
Program Suspend Status (SR.2).
1 = Program suspended
0 = Program in progress/completed
1
Device Protect Status (SR.1). SR.1 does not provide a continuous indication of write-lock bit, TBL# pin
or WP# pin values. The WSM interrogates the write-lock bit, TBL# pin or WP# pin only after a block
erase or program operation. Depending on the attempted operation, it informs the system whether or not
the selected block is locked.
1 = Write-lock bit, TBL# pin, or WP# pin Detected, operation abort
0 = Unlock
0
Reserved for future enhancements (SR.0). SR.0 is reserved for future use and should be masked out
when polling the status register.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com