Electronic Components Datasheet Search
  English  ▼

X  

82802AC Datasheet(PDF) 19 Page - Intel Corporation

Part # 82802AC
Description  Firmware Hub (FWH)
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

82802AC Datasheet(HTML) 19 Page - Intel Corporation

Back Button 82802AC Datasheet HTML 15Page - Intel Corporation 82802AC Datasheet HTML 16Page - Intel Corporation 82802AC Datasheet HTML 17Page - Intel Corporation 82802AC Datasheet HTML 18Page - Intel Corporation 82802AC Datasheet HTML 19Page - Intel Corporation 82802AC Datasheet HTML 20Page - Intel Corporation 82802AC Datasheet HTML 21Page - Intel Corporation 82802AC Datasheet HTML 22Page - Intel Corporation 82802AC Datasheet HTML 23Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 53 page
background image
Intel
® 82802AB/AC Firmware Hub
R
Datasheet
19
4.
Functional Descriptions
When the VPP voltage
≤ VPPLK, read operations from the status register, identifier codes or memory are
enabled, but programming and erase functions are disabled. Placing VPPH1/2 on VPP enables successful
block erase and program operations.
Table 2.
Command Definitions
First Bus Cycle
Second Bus Cycle
Command
Bus Cycles
Required
Notes
Oper.
Addr.(1)
Data(2)
Oper.
Addr.(1)
Data(2)
Read Array/Reset
1
Write
X
FFh
Read Identifier Codes
≥ 2
2
Write
X
90h
Read
IA
ID
Read Status Register
2
Write
X
70h
Read
X
SRD
Clear Status Register
1
Write
X
50h
Block Erase
2
3
Write
BA
20h
Write
BA
D0h
Program
2
3,4
Write
WA
40h
or
10h
Write
WA
WD
Block Erase and Program
Suspend
1
3
Write
X
B0h
Block Erase and Program
Resume
1
3
Write
X
D0h
Note:
1. Key:
X
= Any valid address within the device
IA
= Identifier Code Address
BA
= Address within the block being erased
WA
= Address of memory location to be written
SRD
= Data read from status register.
WD
= Data to be written at location WA
ID
= Data read from identifier codes
2. Following the Read Identifier Codes command, read operations access manufacturer and device.
See Table 4 for the read identifier code data.
3. The block must not be write locked when attempting block erase or program operations. Attempts
to issue a block erase or program to a write-locked block will fail.
4. Either 40h or 10h are recognized by the WSM as the program setup.
Note: Commands other than those shown previously are reserved by Intel for future device implementations
and should not be used.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com