Electronic Components Datasheet Search
  English  ▼

X  

82802AC Datasheet(PDF) 40 Page - Intel Corporation

Part # 82802AC
Description  Firmware Hub (FWH)
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

82802AC Datasheet(HTML) 40 Page - Intel Corporation

Back Button 82802AC Datasheet HTML 36Page - Intel Corporation 82802AC Datasheet HTML 37Page - Intel Corporation 82802AC Datasheet HTML 38Page - Intel Corporation 82802AC Datasheet HTML 39Page - Intel Corporation 82802AC Datasheet HTML 40Page - Intel Corporation 82802AC Datasheet HTML 41Page - Intel Corporation 82802AC Datasheet HTML 42Page - Intel Corporation 82802AC Datasheet HTML 43Page - Intel Corporation 82802AC Datasheet HTML 44Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 53 page
background image
Intel
® 82802AB/AC Firmware Hub
R
40
Datasheet
5.3.
Block Programming Times
Table 15.
Programming Times
3.3 V VPP
12 V VPP
Parameter
Notes
Typ.(1)
Max.
Typ.(1)
Max.
Unit
Byte program time
2
17
300
7.0
125
µs
Block program time
2
1.1
4.0
0.5
1.5
sec
Block erase time
2
0.8
6.0
0.3
4.0
sec
Note:
1. Typical values measured at TA = +25°C and nominal voltages.
2. Excludes system-level overhead.
5.4.
Intel Firmware Hub Interface
The firmware hub relies on the Intel Firmware Hub interface to communicate with the outside world.
This interface consists of four bi-directional signals and one “control” input. The timing and electrical
parameters of the FWH interface are similar to those of the LPC interface, to provide compatibility
between the interfaces, but differ in cases mentioned earlier in this section (clock pin capacitance), as
well as in certain timing parameters. The Intel ICH has been engineered to accommodate both interfaces,
which allows the Intel FWH interface signals to be communicated over the same set of pins as LPC. The
Intel FWH interface is designed to use an LPC-compatible start cycle, with a reserved cycle type code.
This ensures that all LPC devices present on the shared interface will ignore cycles destined for the
FWH, without becoming “confused” by the different protocol.
This section contains timing and protocol information for the Intel FWH interface. Note that the Intel
FWH interface is a licensed interface, so the appropriate license must be obtained from Intel for
components supporting the Intel FWH interface (e.g., ASICs, PLDs).
5.4.1.
Intel FWH Interface Cycles
When the Intel FWH interface is active, information is transferred to and from the FWH by a series of
“fields,” where each field contains 4 bits of data. Many fields are one clock cycle in length but can be of
variable length, depending upon the nature of the field. Field sequences and contents are strictly defined
for read and write operations. The following tables list the field sequences for read and write cycles.
Addresses in this section refer to addresses as seen from the FWH’s “point of view,” so some calculation
will be required to translate these to the actual locations in the memory map (and vice versa).
5.4.1.1.
Read Cycle Sequence
The firmware hub supports single-byte or multibyte reads. The logic waveforms for these cycles are
shown in Table 16 and Figure 11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com