Electronic Components Datasheet Search
  English  ▼

X  

M80C286 Datasheet(PDF) 22 Page - Intel Corporation

Part # M80C286
Description  HIGH PERFORMANCE CHMOS MICROPROCESSOR WITH MEMORY MANAGEMENT AND PROTECTION
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

M80C286 Datasheet(HTML) 22 Page - Intel Corporation

Back Button M80C286 Datasheet HTML 18Page - Intel Corporation M80C286 Datasheet HTML 19Page - Intel Corporation M80C286 Datasheet HTML 20Page - Intel Corporation M80C286 Datasheet HTML 21Page - Intel Corporation M80C286 Datasheet HTML 22Page - Intel Corporation M80C286 Datasheet HTML 23Page - Intel Corporation M80C286 Datasheet HTML 24Page - Intel Corporation M80C286 Datasheet HTML 25Page - Intel Corporation M80C286 Datasheet HTML 26Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 60 page
background image
M80C286
Two bus signals A0 and BHE control transfers over
the lower and upper halves of the data bus Even
address byte transfers are indicated by A0 LOW and
BHE HIGH Odd address byte transfers are indicat-
ed by A0 HIGH and BHE LOW Both A0 and BHE are
LOW for even address word transfers
The IO address space contains 64K addresses in
both modes The IO space is accessible as either
bytes or words as is memory Byte wide peripheral
devices may be attached to either the upper or lower
byte of the data bus Byte-wide IO devices attached
to the upper data byte (D15–D8) are accessed with
odd IO addresses Devices on the lower data byte
are accessed with even IO addresses An interrupt
controller such as Intel’s 82C59A-2 must be con-
nected to the lower data byte (D7–D0) for proper
return of the interrupt vector
Bus Operation
The M80C286 uses a double frequency system
clock (CLK input) to control bus timing All signals on
the local bus are measured relative to the system
CLK input The CPU divides the system clock by 2 to
produce the internal processor clock which deter-
mines bus state Each processor clock is composed
of two system clock cycles named phase 1 and
phase 2
The M82C284 clock generator output
(PCLK) identifies the next phase of the processor
clock (See Figure 21)
271103 – 19
Figure 21 System and Processor
Clock Relationships
Six types of bus operations are supported memory
read memory write IO read IO write interrupt ac-
knowledge and haltshutdown Data can be trans-
ferred at a maximum rate of one word per two proc-
essor clock cycles
The M80C286 bus has three basic states idle (Ti)
send status (Ts) and perform command (Tc) The
M80C286 CPU also has a fourth local bus state
called hold (Th) Th indicates that the M80C286 has
surrendered control of the local bus to another bus
master in response to a HOLD request
Each bus state is one processor clock long Figure
22 shows the four M80C286 local bus states and
allowed transitions
271103 – 20
Figure 22 M80C286 Bus States
Bus States
The idle (Ti) state indicates that no data transfers
are in progress or requested The first active state
TS is signaled by status line S1 or S0 going LOW
and identifying phase 1 of the processor clock Dur-
ing TS the command encoding the address and
data (for a write operation) are available on the
M80C286 output pins The M82C288 bus controller
decodes the status signals and generates Multibus
compatible readwrite command and local trans-
ceiver control signals
After TS the perform command (TC) state is en-
tered Memory or IO devices respond to the bus
operation during TC either transferring read data to
the CPU or accepting write data TC states may be
repeated as often as necessary to assure sufficient
time for the memory or IO device to respond The
READY signal determines whether TC is repeated A
repeated TC state is called a wait state
During hold (Th) the M80C286 will float all address
data and status output pins enabling another bus
master to use the local bus The M80C286 HOLD
input signal is used to place the M80C286 into the
Th state The M80C286 HLDA output signal indi-
cates that the CPU has entered Th
Pipelined Addressing
The M80C286 uses a local bus interface with pipe-
lined timing to allow as much time as possible for
data access Pipelined timing allows a new bus oper-
ation to be initiated every two processor cycles
while allowing each individual bus operation to last
for three processor cycles
The timing of the address outputs is pipelined such
that the address of the next bus operation becomes
available during the current bus operation Or in oth-
er words the first clock of the next bus operation is
overlapped with the last clock of the current bus op-
eration Therefore address decode and routing logic
can operate in advance of the next bus operation
NOTE
See section on bus hold circuitry
22



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com