Electronic Components Datasheet Search
  English  ▼

X  

M80C286 Datasheet(PDF) 49 Page - Intel Corporation

Part # M80C286
Description  HIGH PERFORMANCE CHMOS MICROPROCESSOR WITH MEMORY MANAGEMENT AND PROTECTION
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

M80C286 Datasheet(HTML) 49 Page - Intel Corporation

Back Button M80C286 Datasheet HTML 45Page - Intel Corporation M80C286 Datasheet HTML 46Page - Intel Corporation M80C286 Datasheet HTML 47Page - Intel Corporation M80C286 Datasheet HTML 48Page - Intel Corporation M80C286 Datasheet HTML 49Page - Intel Corporation M80C286 Datasheet HTML 50Page - Intel Corporation M80C286 Datasheet HTML 51Page - Intel Corporation M80C286 Datasheet HTML 52Page - Intel Corporation M80C286 Datasheet HTML 53Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 60 page
background image
M80C286
WAVEFORMS (Continued)
M80C286 PEREQPEACK TIMING FOR ONE TRANSFER ONLY
NOTES
271103 – 48
1 PEACK always goes active during the first bus operation of a processor extension data operand transfer sequence
The first bus operation will be either a memory read at operand address or IO read at port address OOFA(H)
2 To prevent a second processor extension data operand transfer the worst case maximum time (Shown above) is
3c j b12a2max b mmin
The actual
configuration dependent
maximum time is
3c j b12a2max b mmin a
Ac2c j
A is the number of extra TC states added to either the first or second bus operation of the processor extension data
operand transfer sequence
INITIAL M80C286 PIN STATE DURING RESET
NOTES
271103 – 49
1 Setup time for RESET
u may be violated with the consideration that w1 of the processor clock may begin one
system CLK period later
2 Setup and hold times for RESET
v must be met for proper operation but RESET v may occur during w1or w2
3 The data bus is only guaranteed to be in 3-state OFF at the time shown
49



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com