Electronic Components Datasheet Search
  English  ▼

X  

M80C286 Datasheet(PDF) 39 Page - Intel Corporation

Part # M80C286
Description  HIGH PERFORMANCE CHMOS MICROPROCESSOR WITH MEMORY MANAGEMENT AND PROTECTION
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

M80C286 Datasheet(HTML) 39 Page - Intel Corporation

Back Button M80C286 Datasheet HTML 35Page - Intel Corporation M80C286 Datasheet HTML 36Page - Intel Corporation M80C286 Datasheet HTML 37Page - Intel Corporation M80C286 Datasheet HTML 38Page - Intel Corporation M80C286 Datasheet HTML 39Page - Intel Corporation M80C286 Datasheet HTML 40Page - Intel Corporation M80C286 Datasheet HTML 41Page - Intel Corporation M80C286 Datasheet HTML 42Page - Intel Corporation M80C286 Datasheet HTML 43Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 60 page
background image
M80C286
Table 18 Pin Description
(Continued)
Symbol
Type
Name and Function
NMI
I
NON-MASKABLE INTERRUPT REQUEST
interrupts the M80C286 with an
internally supplied vector value of 2 No interrupt acknowledge cycles are
performed The interrupt enable bit in the M80C286 flag word does not affect
this input The NMI input is active HIGH may be asynchronous to the system
clock and is edge triggered after internal synchronization For proper
recognition the input must have been previously LOW for at least four system
clock cycles and remain HIGH for at least four system clock cycles
PEREQ
I
PROCESSOR EXTENSION OPERAND REQUEST AND ACKNOWLEDGE
PEACK
O
extend the memory management and protection capabilities of the M80C286
to processor extensions The PEREQ input requests the M80C286 to perform
a data operand transfer for a processor extension The PEACK output signals
the processor extension when the requested operand is being transferred
PEREQ is active HIGH and floats to 3-state OFF during bus hold
acknowledge PEACK may be asynchronous to the system clock PEACK is
active LOW
BUSY
I
PROCESSOR EXTENSION BUSY AND ERROR
indicate the operating
ERROR
I
condition of a processor extension to the M80C286 An active BUSY input
stops M80C286 program execution on WAIT and some ESC instructions until
BUSY becomes inactive (HIGH) The M80C286 may be interrupted while
waiting for BUSY to become inactive An active ERROR input causes the
M80C286 to perform a processor extension interrupt when executing WAIT or
some ESC instructions These inputs are active LOW and may be
asynchronous to the system clock These inputs have internal pull-up
resistors
RESET
I
SYSTEM RESET
clears the internal logic of the M80C286 and is active HIGH
The M80C286 may be reinitialized at any time with a LOW to HIGH transition
on RESET which remains active for more than 16 system clock cycles During
RESET active the output pins of the M80C286 enter the state shown below
M80C286 Pin State During Reset
Pin Value
Pin Names
1 (HIGH)
S0 S1 PEACK A23 – A0 BHE LOCK
0 (LOW)
MIO CODINTA HLDA (Note 1)
3-state OFF
D15–D0
Operation of the M80C286 begins after a HIGH to LOW transition on RESET
The HIGH to LOW transition of RESET must be synchronous to the system
clock Approximately 38 CLK cycles from the trailing edge of RESET are
required by the M80C286 for internal initialization before the first bus cycle to
fetch code from the power-on execution address occurs
A LOW to HIGH transition of RESET synchronous to the system clock will
end a processor cycle at the second HIGH to LOW transition of the system
clock The LOW to HIGH transition of RESET may be asynchronous to the
system clock however in this case it cannot be predetermined which phase
of the processor clock will occur during the next system clock period
Synchronous LOW to HIGH transitions of RESET are required only for
systems where the processor clock must be phase synchronous to another
clock
VSS
I
SYSTEM GROUND
0 Volts
VCC
I
SYSTEM POWER a
5 Volt Power Supply
CAP
I
SUBSTRATE FILTER CAPACITOR
a 0047 mF g 20% 12V capacitor can
be connected between this pin and ground for compatibility with the HMOS
M80286 For systems using only an M80C286 this pin can be left floating
See bus hold circuitry section
NOTE
1 HLDA is only Low if HOLD is inactive (Low)
39



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com