Electronic Components Datasheet Search
  English  ▼

X  

M80C286 Datasheet(PDF) 29 Page - Intel Corporation

Part # M80C286
Description  HIGH PERFORMANCE CHMOS MICROPROCESSOR WITH MEMORY MANAGEMENT AND PROTECTION
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

M80C286 Datasheet(HTML) 29 Page - Intel Corporation

Back Button M80C286 Datasheet HTML 25Page - Intel Corporation M80C286 Datasheet HTML 26Page - Intel Corporation M80C286 Datasheet HTML 27Page - Intel Corporation M80C286 Datasheet HTML 28Page - Intel Corporation M80C286 Datasheet HTML 29Page - Intel Corporation M80C286 Datasheet HTML 30Page - Intel Corporation M80C286 Datasheet HTML 31Page - Intel Corporation M80C286 Datasheet HTML 32Page - Intel Corporation M80C286 Datasheet HTML 33Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 60 page
background image
M80C286
Processor Extension Transfers
The processor extension interface uses IO port ad-
dresses 00F8(H) 00FA(H) and 00FC(H) which are
part of the IO port address range reserved by Intel
An ESC instruction with Machine Status Word bits
EM e 0 and TS e 0 will perform IO bus operations
to one or more of these IO port addresses indepen-
dent of the value of IOPL and CPL
ESC instructions with memory references enable the
CPU to accept PEREQ inputs for processor exten-
sion operand transfers The CPU will determine the
operand starting address and readwrite status of
the instruction For each operand transfer two or
three bus operations are performed one word trans-
fer with IO port address 00FA(H) and one or two
bus operations with memory Three bus operations
are required for each word operand aligned on an
odd byte address
NOTE
Odd-aligned numerics instructions should be avoid-
ed when using an M80C286 system running six or
more memory-write wait-states The M80C286 can
generate an incorrect numerics address if all the
following conditions are met
Two floating point (FP) instructions are fetched
and in the M80C286 queue
The first FP instruction is any floating point store
except FSTSW AX
The second FP instruction is any floating point
store except FSTSW AX
The second FP instruction accesses memory
The operand of the first instruction is aligned on
an odd memory address
More than five wait-states are inserted during ei-
ther of the last two memory write transfers
(transferred as two bytes for odd aligned oper-
ands) of the first instruction
The second FP instruction operand address will be
incremented by one if these conditions are met
These conditions are most likely to occur in a multi-
master system For a hardware solution contact
your local Intel representative
Ten or more command delays should not be used
when accessing the numerics coprocessor Exces-
sive command delays can cause the M80C286 and
M80C287 to lose synchronization
Interrupt Acknowledge Sequence
Figure 30 illustrates an interrupt acknowledge se-
quence performed by the M80C286 in response to
an INTR input An interrupt acknowledge sequence
consists of two INTA bus operations The first allows
a master M8259A Programmable Interrupt Control-
ler (PIC) to determine which if any of its slaves
should return the interrupt vector An eight bit vector
is read on D0 – D7 of the M80C286 during the sec-
ond INTA bus operation to select an interrupt han-
dler routine from the interrupt table
The Master Cascade Enable (MCE) signal of the
M82C288 is used to enable the cascade address
drivers during INTA bus operations (See Figure 30)
onto the local address bus for distribution to slave
interrupt controllers via the system address bus The
M80C286 emits the LOCK signal (active LOW) dur-
ing Ts of the first INTA bus operation A local bus
‘‘hold’’ request will not be honored until the end of
the second INTA bus operation
Three idle processor clocks are provided by the
M80C286 between INTA bus operations to allow for
the minimum INTA to INTA time and CAS (cascade
address) out delay of the M8259A The second INTA
bus operation must always have at least one extra
Tc state added via logic controlling READY This is
needed to meet the M8259A minimum INTA pulse
width
Local Bus Usage Priorities
The M80C286 local bus is shared among several
internal units and external HOLD requests In case
of simultaneous requests their relative priorities are
(Highest) Any transfers which assert LOCK either
explicitly (via the LOCK instruction prefix)
or implicitly (ie some segment descriptor
accesses
interrupt
acknowledge
se-
quence or an XCHG with memory)
The second of the two byte bus opera-
tions required for an odd aligned word op-
erand
The second or third cycle of a processor
extension data transfer
Local bus request via HOLD input
Processor extension data operand trans-
fer via PEREQ input
Data transfer performed by EU as part of
an instruction
(Lowest) An instruction prefetch request from BU
The EU will inhibit prefetching two proc-
essor clocks in advance of any data
transfers to minimize waiting by EU for a
prefetch to finish
29



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com