Electronic Components Datasheet Search
  English  ▼

X  

M80C286 Datasheet(PDF) 28 Page - Intel Corporation

Part # M80C286
Description  HIGH PERFORMANCE CHMOS MICROPROCESSOR WITH MEMORY MANAGEMENT AND PROTECTION
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

M80C286 Datasheet(HTML) 28 Page - Intel Corporation

Back Button M80C286 Datasheet HTML 24Page - Intel Corporation M80C286 Datasheet HTML 25Page - Intel Corporation M80C286 Datasheet HTML 26Page - Intel Corporation M80C286 Datasheet HTML 27Page - Intel Corporation M80C286 Datasheet HTML 28Page - Intel Corporation M80C286 Datasheet HTML 29Page - Intel Corporation M80C286 Datasheet HTML 30Page - Intel Corporation M80C286 Datasheet HTML 31Page - Intel Corporation M80C286 Datasheet HTML 32Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 60 page
background image
M80C286
In real address mode the prefetcher may fetch up to
6 bytes beyond the last control transfer or HLT in-
struction in a code segment
In protected mode the prefetcher will never cause a
segment overrun exception The prefetcher stops at
the last physical memory word of the code segment
Exception 13 will occur if the program attempts to
execute beyond the last full instruction in the code
segment
If the last byte of a code segment appears on an
even physical memory address the prefetcher will
read the next physical byte of memory (perform a
word code fetch) The value of this byte is ignored
and any attempt to execute it causes exception 13
271103 – 27
NOTES
1 Status lines are not driven by M80C286 yet remain high due to internal pullup resistors during HOLD state See
section on bus hold circuitry
2 Address MIO and CODINTA may start floating during any TC depending on when internal M80C286 bus arbiter
decides to release bus to external HOLD The float starts in w2ofTC See section on bus hold circuitry
3 BHE and LOCK may start floating after the end of any TC depending on when internal M80C286 bus arbiter decides
to release bus to external HOLD The float starts in w1ofTC See section on bus hold circuitry
4 The minimum HOLD to HLDA time is shown Maximum is one TH longer
5 The earliest HOLD time is shown It will always allow a subsequent memory cycle if pending is shown
6 The minimum HOLD to HLDA time is shown Maximum is a function of the instruction type of bus cycle and other
machine state (ie Interrupts Waits Lock etc)
7 Asynchronous ready allows termination of the cycle Synchronous ready does not signal ready in this example Syn-
chronous ready state is ignored after ready is signaled via the asynchronous input
Figure 29 MULTIBUS Write Terminated by Asynchronous Ready with Bus Hold
28



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com