Electronic Components Datasheet Search
  English  ▼

X  

M80C286 Datasheet(PDF) 38 Page - Intel Corporation

Part # M80C286
Description  HIGH PERFORMANCE CHMOS MICROPROCESSOR WITH MEMORY MANAGEMENT AND PROTECTION
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

M80C286 Datasheet(HTML) 38 Page - Intel Corporation

Back Button M80C286 Datasheet HTML 34Page - Intel Corporation M80C286 Datasheet HTML 35Page - Intel Corporation M80C286 Datasheet HTML 36Page - Intel Corporation M80C286 Datasheet HTML 37Page - Intel Corporation M80C286 Datasheet HTML 38Page - Intel Corporation M80C286 Datasheet HTML 39Page - Intel Corporation M80C286 Datasheet HTML 40Page - Intel Corporation M80C286 Datasheet HTML 41Page - Intel Corporation M80C286 Datasheet HTML 42Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 60 page
background image
M80C286
Table 18 Pin Description
(Continued)
Symbol
Type
Name and Function
BHE
BHE and A0 Encodings
(Continued)
BHE Value
A0 Value
Function
0
0
Word transfer
0
1
Transfer on upper half of data bus (D15–D8)
1
0
Byte transfer on lower half of data bus (D7–D0)
1
1
Will never occur
S1 S0
O
BUS CYCLE STATUS
indicates initiation of a bus cycle and along with MIO and COD
INTA defines the type of bus cycle The bus is in a Ts state whenever one or both are LOW
S1 and S0 are active LOW and float to 3-state OFF during bus hold acknowledge
M80C286 Bus Cycle Status Definition
CODINTA
MIO
S1
S0
Bus Cycle Initiated
0 (LOW)
0
0
0
Interrupt acknowledge
0
0
0
1
Will not occur
0
0
1
0
Will not occur
0
0
1
1
None not a status cycle
0
1
0
0
IF A1 e 1 then halt else shutdown
0
1
0
1
Memory data read
0
1
1
0
Memory data write
0
1
1
1
None not a status cycle
1 (HIGH)
0
0
0
Will not occur
1
0
0
1
IO read
1
0
1
0
IO write
1
0
1
1
None not a status cycle
1
1
0
0
Will not occur
1
1
0
1
Memory instruction read
1
1
1
0
Will not occur
1
1
1
1
None not a status cycle
MIO
O
MEMORY IO SELECT
distinguishes memory access from IO access If HIGH during Ts a
memory cycle or a haltshutdown cycle is in progress If LOW an IO cycle or an interrupt
acknowledge cycle is in progress MIO floats to 3-state OFF during bus hold
acknowledge
CODINTA
O
CODEINTERRUPT ACKNOWLEDGE
distinguishes instruction fetch cycles from memory
data read cycles Also distinguishes interrupt acknowledge cycles from IO cycles COD
INTA floats to 3-state OFF during bus hold acknowledge Its timing is the same as MIO
LOCK
O
BUS LOCK
indicates that other system bus masters are not to gain control of the system
bus for the current and the following bus cycle The LOCK signal may be activated explicitly
by the ‘‘LOCK’’ instruction prefix or automatically by M80C286 hardware during memory
XCHG instructions interrupt acknowledge or descriptor table access LOCK is active LOW
and floats to 3-state OFF during bus hold acknowledge
READY
I
BUS READY
terminates a bus cycle Bus cycles are extended without limit until terminated
by READY LOW READY is an active LOW synchronous input requiring setup and hold
times relative to the system clock be met for correct operation READY is ignored during
bus hold acknowledge
HOLD
I
BUS HOLD REQUEST AND HOLD ACKNOWLEDGE
control ownership of the M80C286
HLDA
O
local bus The HOLD input allows another local bus master to request control of the local
bus When control is granted the M80C286 will float its bus drivers to 3-state OFF and
then activate HLDA thus entering the bus hold acknowledge condition The local bus will
remain granted to the requesting master until HOLD becomes inactive which results in the
M80C286 deactivating HLDA and regaining control of the local bus This terminates the bus
hold acknowledge condition HOLD may be asynchronous to the system clock These
signals are active HIGH
INTR
I
INTERRUPT REQUEST
requests the M80C286 to suspend its current program execution
and service a pending external request Interrupt requests are masked whenever the
interrupt enable bit in the flag word is cleared When the M80C286 responds to an interrupt
request it performs two interrupt acknowledge bus cycles to read an 8-bit interrupt vector
that identifies the source of the interrupt To assure program interruption INTR must remain
active until the first interrupt acknowledge cycle is completed INTR is sampled at the
beginning of each processor cycle and must be active HIGH at least two processor cycles
before the current instruction ends in order to interrupt before the next instruction INTR is
level sensitive active HIGH and may be asynchronous to the system clock
See bus hold circuitry section
38



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com