Electronic Components Datasheet Search
  English  ▼

X  

M80C286 Datasheet(PDF) 40 Page - Intel Corporation

Part # M80C286
Description  HIGH PERFORMANCE CHMOS MICROPROCESSOR WITH MEMORY MANAGEMENT AND PROTECTION
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

M80C286 Datasheet(HTML) 40 Page - Intel Corporation

Back Button M80C286 Datasheet HTML 36Page - Intel Corporation M80C286 Datasheet HTML 37Page - Intel Corporation M80C286 Datasheet HTML 38Page - Intel Corporation M80C286 Datasheet HTML 39Page - Intel Corporation M80C286 Datasheet HTML 40Page - Intel Corporation M80C286 Datasheet HTML 41Page - Intel Corporation M80C286 Datasheet HTML 42Page - Intel Corporation M80C286 Datasheet HTML 43Page - Intel Corporation M80C286 Datasheet HTML 44Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 60 page
background image
M80C286
Table 19 M80C286 Systems Recommended Pull Up Resistor Values
M80C286 Pin and Name
Pullup Value
Purpose
4S1
Pull S0 S1 and PEACK inactive during M80C286 hold periods
5S0
20 KX g10%
(Note 1)
6PEACK
63READY
910X g5%
Pull READY inactive within required minimum time (CL e 150 pF
lR s 7 mA)
NOTE
1 Pullup resistors are not required for S0 and S1 when the corresponding pins on the M82C284 are connected to S0 and
S1
M80286 IN-CIRCUIT EMULATION
CONSIDERATIONS
One of the advantages of using the M80C286 is that
full in-circuit emulation development support is avail-
able
thru
either
the
I2ICE
80286
probe
for
8 MHz10 MHz or ICE286 for 125 MHz designs To
utilize these powerful tools it is necessary that the
designer be aware of a few minor parametric and
functional differences between the M80C286 and
the in-circuit emulators The I2ICE datasheet (I2ICE
Integrated Instrumentation and In-Circuit Emulation
System order
210469) contains a detailed de-
scription
of
these
design
considerations
The
ICE286 Fact Sheet ( 280718) and User’s Guide
( 452317) contain design considerations for the
80286 125 MHz microprocessor It is recommended
that the appropriate document be reviewed by the
80286 system designer to determine whether or not
these differences affect the design
PACKAGE THERMAL
SPECIFICATIONS
The M80C286 Microprocessor is specified for opera-
tion when case temperature (TC) is within the range
of b55 C– a125 C Case temperature unlike ambi-
ent temperature is easily measured in any environ-
ment to determine whether the M80C286 Microproc-
essor is within the specified operating range The
case temperature should be measured at the center
of the top surface of the component
The maximum ambient temperature (TA) allowable
without violating TC specifications can be calculated
from the equations shown below TJ is the 80C286
junction temperature P is the power dissipated by
the M80C286
TJ e TC a P
iJC
TA e TJ b P
iJA
TC e TA a P
iJA b iJC
Values for iJA and iJC are given in Table 20 Table
21 shows the maximum TA allowable (without ex-
ceeding TC)
Junction temperature calculations should use an ICC
value that is measured without external resistive
loads The external resistive loads dissipate addi-
tional power external to the M80C286 and not on
the die This increases the resistor temperature not
the die temperature The full capacitive load (CL e
100 pF) should be applied during the ICC measure-
ment
Table 20 Thermal Resistances ( CW)
Package
iJC
iJC
68-Lead PGA
55
30
68-Lead CQFP
11
32
NOTE
The numbers in Table 20 were calculated using an
ICC of 150 mA which is representative of the worst
case ICC at TC e 125 C with the outputs unloaded
Table 21 Maximum (TA)
Package
TA ( C)
68-Lead PGA
105
68-Lead CQFP
108
40



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com