Electronic Components Datasheet Search
  English  ▼

X  

M80C286 Datasheet(PDF) 32 Page - Intel Corporation

Part # M80C286
Description  HIGH PERFORMANCE CHMOS MICROPROCESSOR WITH MEMORY MANAGEMENT AND PROTECTION
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

M80C286 Datasheet(HTML) 32 Page - Intel Corporation

Back Button M80C286 Datasheet HTML 28Page - Intel Corporation M80C286 Datasheet HTML 29Page - Intel Corporation M80C286 Datasheet HTML 30Page - Intel Corporation M80C286 Datasheet HTML 31Page - Intel Corporation M80C286 Datasheet HTML 32Page - Intel Corporation M80C286 Datasheet HTML 33Page - Intel Corporation M80C286 Datasheet HTML 34Page - Intel Corporation M80C286 Datasheet HTML 35Page - Intel Corporation M80C286 Datasheet HTML 36Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 60 page
background image
M80C286
‘‘resistive’’ type element the associated power sup-
ply current is negligible and power dissipation is sig-
nificantly reduced when compared to the use of pas-
sive pull-up resistors
Table 16 Bus Hold Circuitry on the M80C286
Signal
Pin
Polarity Pulled to
Location when tri-stated
S1 S0 PEACK LOCK 4 – 6 68
Hi See Figure 33
Data Bus (D0–D15)
36 – 51
HiLo
See Figure 32
CODINTA MIO
66 – 67
HiLo
See Figure 32
Pull-Up
271103 – 31
Figure 33 Bus Hold Circuitry Pins 4 – 6 68
SYSTEM CONFIGURATIONS
The versatile bus structure of the M80C286 micro-
system with a full complement of support chips al-
lows flexible configuration of a wide range of sys-
tems The basic configuration shown in Figure 34 is
similar to an M8086 maximum mode system It in-
cludes the CPU plus an M8259A interrupt controller
M82C284 clock generator and the M82C288 Bus
Controller
As indicated by the dashed lines in Figure 34 the
ability to add processor extensions is an integral fea-
ture of M80C286 microsystems The processor ex-
tension interface allows external hardware to per-
form special functions and transfer data concurrent
with CPU execution of other instructions Full system
integrity is maintained because the M80C286 super-
vises all data transfers and instruction execution for
the processor extension
The M80C287 NPX can perform numeric calcula-
tions and data transfers concurrently with CPU pro-
gram execution Numerics code and data have the
same integrity as all other information protected by
the M80C286 protection mechanism
The M80C286 can overlap chip select decoding and
address propagation during the data transfer for the
previous bus operation This information is latched
by ALE during the middle of a Ts cycle The latched
chip select and address information remains stable
during the bus operation while the next cycle’s ad-
dress is being decoded and propagated into the sys-
tem Decode logic can be implemented with a high
speed PROM or PAL
The optional decode logic shown in Figure 32 takes
advantage of the overlap between address and data
of the M80C286 bus cycle to generate advanced
memory and lO-select signals This minimizes sys-
tem performance degradation caused by address
propagation and decode delays In addition to se-
lecting memory and IO the advanced selects may
be used with configurations supporting local and
system buses to enable the appropriate bus inter-
face for each bus cycle The CODINTA and MIO
signals are applied to the decode logic to distinguish
between interrupt IO code and data bus cycles
By adding a bus arbiter the M80C286 provides a
MULTIBUS system bus interface as shown in Figure
35
The ALE output of the M82C288 for the
MULTIBUS bus is connected to its CMDLY input to
delay the start of commands one system CLK as
required to meet MULTIBUS address and write data
setup times This arrangement will add at least one
extra Tc state to each bus operation which uses the
MULTIBUS
A second M82C288 bus controller and additional
latches and transceivers could be added to the local
bus of Figure 35 This configuration allows the
M80C286 to support an on-board bus for local mem-
ory and peripherals and the MULTIBUS for system
bus interfacing
32



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com