Electronic Components Datasheet Search
  English  ▼

X  

M80C286 Datasheet(PDF) 52 Page - Intel Corporation

Part # M80C286
Description  HIGH PERFORMANCE CHMOS MICROPROCESSOR WITH MEMORY MANAGEMENT AND PROTECTION
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

M80C286 Datasheet(HTML) 52 Page - Intel Corporation

Back Button M80C286 Datasheet HTML 48Page - Intel Corporation M80C286 Datasheet HTML 49Page - Intel Corporation M80C286 Datasheet HTML 50Page - Intel Corporation M80C286 Datasheet HTML 51Page - Intel Corporation M80C286 Datasheet HTML 52Page - Intel Corporation M80C286 Datasheet HTML 53Page - Intel Corporation M80C286 Datasheet HTML 54Page - Intel Corporation M80C286 Datasheet HTML 55Page - Intel Corporation M80C286 Datasheet HTML 56Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 60 page
background image
M80C286
M80C286 INSTRUCTION SET SUMMARY
CLOCK COUNT
COMMENTS
Real
Protected
Real
Protected
FUNCTION
FORMAT
Address
Virtual
Address
Virtual
Mode
Address
Mode
Address
Mode
Mode
DATA TRANSFER
MOV eMove
Register to RegisterMemory
1000100w
mod reg
r m
2 3
23
29
Registermemory to register
1000101w
mod reg
r m
2 5
25
29
Immediate to registermemory
1100011w
mod000 r m
data
data if w e 1
23
23
29
Immediate to register
1011w
reg
data
data if we12
2
Memory to accumulator
1010000w
addr-low
addr-high
5529
Accumulator to memory
1010001w
addr-low
addr-high
3329
Registermemory to segment register
10001110
mod0reg r m
2 5
1719
2
91011
Segment register to registermemory
10001100
mod0reg r m
2 3
23
29
PUSHePush
Memory
11111111
mod110 r m
5
5
29
Register
01010
reg
3329
Segment register
000reg110
3329
Immediate
011010s0
data
data if se0
3329
PUSHAe
Push All
01100000
17
17
2
9
POPe
Pop
Memory
10001111
mod000
r m
5
5
29
Register
01011
reg
5529
Segment register
000reg111
(regi01)
5
20
2
91011
POPAe
Pop All
01100001
19
19
2
9
XCHGeExhcange
Registermemory with register
1000011w
mod reg
r m
3 5
35
27
79
Register with accumulator
10010
reg
3
3
INeInput from
Fixed port
1110010w
port
5
5
14
Variable port
1110110w
5
5
14
OUTeOutput to
Fixed port
1110011w
port
3
3
14
Variable port
1110111w
3
3
14
XLATe
Translate byte to AL
11010111
5
5
9
LEAe
Load EA to register
10001101
mod reg
r m
3
3
LDSe
Load pointer to DS
11000101
mod reg
r m
(modi11)
7
21
2
91011
LESe
Load pointer to ES
11000100
mod reg
r m
(modi1)
7
21
2
91011
Shaded areas indicate instructions not available in M8086 88 microsystems
52



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com