Electronic Components Datasheet Search
  English  ▼

X  

M80C286 Datasheet(PDF) 35 Page - Intel Corporation

Part # M80C286
Description  HIGH PERFORMANCE CHMOS MICROPROCESSOR WITH MEMORY MANAGEMENT AND PROTECTION
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

M80C286 Datasheet(HTML) 35 Page - Intel Corporation

Back Button M80C286 Datasheet HTML 31Page - Intel Corporation M80C286 Datasheet HTML 32Page - Intel Corporation M80C286 Datasheet HTML 33Page - Intel Corporation M80C286 Datasheet HTML 34Page - Intel Corporation M80C286 Datasheet HTML 35Page - Intel Corporation M80C286 Datasheet HTML 36Page - Intel Corporation M80C286 Datasheet HTML 37Page - Intel Corporation M80C286 Datasheet HTML 38Page - Intel Corporation M80C286 Datasheet HTML 39Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 60 page
background image
M80C286
271103 – 34
Figure 36 M80C286 System Configuration with Dual-Ported Memory
Figure 36 shows the addition of dual ported dynamic
memory between the MULTIBUS system bus and
the M80C286 local bus The dual port interface is
provided by the 8207 Dual Port DRAM Controller
The 8207 runs synchronously with the CPU to maxi-
mize throughput for local memory references It also
arbitrates between requests from the local and sys-
tem buses and performs functions such as refresh
initialization of RAM and readmodifywrite cycles
The 8207 combined with the 8206 Error Checking
and Correction memory controller provide for single
bit error correction The dual-ported memory can be
combined with a standard MULTIBUS system bus
interface to maximize performance and protection in
multiprocessor system configurations
Mechanical Data
The M80C286 pinout for both the Ceramic Quad
Flatpack CQFP and Pin Grid Array PGA packages
are shown in Figure 37 VCC and GND connections
must be made to mutiple VCC and VSS (GND) pins
Each VCC and VSS MUST be connected to the ap-
propriate voltage level The circuit board should in-
clude VCC and GND planes for power distribution
and all VCC pins must be connected to the appropri-
ate plane
Table 17 shows the pin assignments for both the
CQFP and PGA components
NOTE
Pins identified as ‘‘NC’’ should remain completely
unconnected
35



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com