Electronic Components Datasheet Search
  English  ▼

X  

M80C286 Datasheet(PDF) 25 Page - Intel Corporation

Part # M80C286
Description  HIGH PERFORMANCE CHMOS MICROPROCESSOR WITH MEMORY MANAGEMENT AND PROTECTION
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

M80C286 Datasheet(HTML) 25 Page - Intel Corporation

Back Button M80C286 Datasheet HTML 21Page - Intel Corporation M80C286 Datasheet HTML 22Page - Intel Corporation M80C286 Datasheet HTML 23Page - Intel Corporation M80C286 Datasheet HTML 24Page - Intel Corporation M80C286 Datasheet HTML 25Page - Intel Corporation M80C286 Datasheet HTML 26Page - Intel Corporation M80C286 Datasheet HTML 27Page - Intel Corporation M80C286 Datasheet HTML 28Page - Intel Corporation M80C286 Datasheet HTML 29Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 60 page
background image
M80C286
NOTES
271103 – 23
1 SRDYEN is active low
2 If SRDYEN is high the state of SRDY will no affect READY
3 ARDYEN is active low
Figure 25 Synchronous and Asynchronous Ready
ARDY or ARDYEN must be HIGH at the end of TS
ARDY cannot be used to terminate bus cycle with no
wait states
Each ready input of the M82C284 has an enable pin
(SRDYEN and ARDYEN) to select whether the cur-
rent bus operation will be terminated by the synchro-
nous or asynchronous ready Either of the ready in-
puts may terminate a bus operation These enable
inputs are active low and have the same timing as
their respective ready inputs Address decode logic
usually selects whether the current bus operation
should be terminated by ARDY or SRDY
Data Bus Control
Figures 26 27 and 28 show how the DTR DEN
data bus and address signals operate for different
combinations of read write and idle bus operations
DTR goes active (LOW) for a read operation DTR
remains HIGH before during and between write op-
erations
The data bus is driven with write data during the
second phase of Ts The delay in write data timing
allows the read data drivers from a previous read
cycle sufficient time to enter 3-state OFF
before
the M80C286 CPU begins driving the local data bus
for write operations Write data will always remain
valid for one system clock past the last Tc to provide
sufficient hold time for Multibus or other similar
memory or IO systems During write-read or write-
idle sequences the data bus enters 3-state OFF
during the second phase of the processor cycle after
the last Tc In a write-write sequence the data bus
does not enter 3-state OFF between Tc and Ts
Bus Usage
The M80C286 local bus may be used for several
functions instruction data transfers data transfers
by other bus masters instruction fetching processor
extension data transfers interrupt acknowledge and
haltshutdown This section describes local bus ac-
tivities which have special signals or requirements
NOTE
See section on bus hold circuitry
25



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com