Electronic Components Datasheet Search
  English  ▼

X  

M80C286 Datasheet(PDF) 27 Page - Intel Corporation

Part # M80C286
Description  HIGH PERFORMANCE CHMOS MICROPROCESSOR WITH MEMORY MANAGEMENT AND PROTECTION
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

M80C286 Datasheet(HTML) 27 Page - Intel Corporation

Back Button M80C286 Datasheet HTML 23Page - Intel Corporation M80C286 Datasheet HTML 24Page - Intel Corporation M80C286 Datasheet HTML 25Page - Intel Corporation M80C286 Datasheet HTML 26Page - Intel Corporation M80C286 Datasheet HTML 27Page - Intel Corporation M80C286 Datasheet HTML 28Page - Intel Corporation M80C286 Datasheet HTML 29Page - Intel Corporation M80C286 Datasheet HTML 30Page - Intel Corporation M80C286 Datasheet HTML 31Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 60 page
background image
M80C286
271103 – 26
Figure 28 Back to Back Write-Write Cycles
HOLD and HLDA
HOLD AND HLDA allow another bus master to gain
control of the local bus by placing the M80C286 bus
into the Th state The sequence of events required
to pass control between the M80C286 and another
local bus master are shown in Figure 29
In this example the M80C286 is initially in the Th
state as signaled by HLDA being active Upon leav-
ing Th as signaled by HLDA going inactive a write
operation is started During the write operation an-
other local bus master requests the local bus from
the M80C286 as shown by the HOLD signal After
completing the write operation the M80C286 per-
forms one Ti bus cycle to guarantee write data hold
time then enters Th as signaled by HLDA going ac-
tive
The CMDLY signal and ARDY ready are used to
start and stop the write bus command respectively
Note that SRDY must be inactive or disabled by
SRDYEN to guarantee ARDY will terminate the cy-
cle
HOLD must not be active during the time from the
leading edge of RESET until 34 CLKs following the
trailing edge of RESET
Lock
The CPU asserts an active lock signal during Inter-
rupt-Acknowledge cycles the XCHG instruction and
during some descriptor accesses Lock is also as-
serted when the LOCK prefix is used The LOCK
prefix may be used with the following ASM-286 as-
sembly instructions MOVS INS and OUTS For bus
cycles other than Interrupt-Acknowledge cycles
Lock will be active for the first and subsequent cy-
cles of a series of cycles to be locked Lock will not
be shown active during the last cycle to be locked
For the next-to-last cycle Lock will become inactive
at the end of the first Tc regardless of the number of
wait-states inserted For Interrupt-Acknowledge cy-
cles Lock will be active for each cycle and will be-
come inactive at the end of the first Tc for each cy-
cle regardless of the number of wait-states inserted
Instruction Fetching
The M80C286 Bus Unit (BU) will fetch instructions
ahead of the current instruction being executed This
activity is called prefetching It occurs when the local
bus would otherwise be idle and obeys the following
rules
A prefetch bus operation starts when at least two
bytes of the 6-byte prefetch queue are empty
The prefetcher normally performs word prefetches
independent of the byte alignment of the code seg-
ment base in physical memory
The prefetcher will perform only a byte code fetch
operation for control transfers to an instruction be-
ginning on a numerically odd physical address
Prefetching stops whenever a control transfer or
HLT instruction is decoded by the IU and placed into
the instruction queue
27



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com