Electronic Components Datasheet Search
  English  ▼

X  

M80C286 Datasheet(PDF) 48 Page - Intel Corporation

Part # M80C286
Description  HIGH PERFORMANCE CHMOS MICROPROCESSOR WITH MEMORY MANAGEMENT AND PROTECTION
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

M80C286 Datasheet(HTML) 48 Page - Intel Corporation

Back Button M80C286 Datasheet HTML 44Page - Intel Corporation M80C286 Datasheet HTML 45Page - Intel Corporation M80C286 Datasheet HTML 46Page - Intel Corporation M80C286 Datasheet HTML 47Page - Intel Corporation M80C286 Datasheet HTML 48Page - Intel Corporation M80C286 Datasheet HTML 49Page - Intel Corporation M80C286 Datasheet HTML 50Page - Intel Corporation M80C286 Datasheet HTML 51Page - Intel Corporation M80C286 Datasheet HTML 52Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 60 page
background image
M80C286
WAVEFORMS (Continued)
M80C286 ASYNCHRONOUS
INPUT SIGNAL TIMING
271103 – 45
NOTES
1 PCLK indicates which processor cycle phase will oc-
cur on the next CLK PCLK may not indicate the cor-
rect phase until the first bus cycle is performed
2 These inputs are asynchronous The setup and hold
times shown assure recognition for testing purposes
M80C286 RESET INPUT TIMING AND
SUBSEQUENT PROCESSOR CYCLE PHASE
271103 – 46
NOTE
1 When RESET meets the setup time shown the next
CLK will start or repeat w2 of a processor cycle
EXITING AND ENTERING HOLD
271103 – 47
NOTES
1 These signals may not be driven by the M80C286 during the time shown The worst case in terms of latest float time
is shown
2 The data bus will be driven as shown if the last cycle before TI in the diagram was a write TC
3 The M80C286 floats its status pins during TH External 20 KX resistors keep these signals high (see Table 16)
4 For HOLD request set up to HLDA refer to Figure 29
5 BHE and LOCK are driven at this time but will not become valid until TS
6 The data bus will remain in 3-state OFF if a read cycle is performed
48



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com