Electronic Components Datasheet Search
  English  ▼

X  

M80C286 Datasheet(PDF) 7 Page - Intel Corporation

Part # M80C286
Description  HIGH PERFORMANCE CHMOS MICROPROCESSOR WITH MEMORY MANAGEMENT AND PROTECTION
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

M80C286 Datasheet(HTML) 7 Page - Intel Corporation

Back Button M80C286 Datasheet HTML 3Page - Intel Corporation M80C286 Datasheet HTML 4Page - Intel Corporation M80C286 Datasheet HTML 5Page - Intel Corporation M80C286 Datasheet HTML 6Page - Intel Corporation M80C286 Datasheet HTML 7Page - Intel Corporation M80C286 Datasheet HTML 8Page - Intel Corporation M80C286 Datasheet HTML 9Page - Intel Corporation M80C286 Datasheet HTML 10Page - Intel Corporation M80C286 Datasheet HTML 11Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 60 page
background image
M80C286
Indexed Mode
The operand’s offset is the sum of
an 8 or 16-bit displacement and the contents of an
index register (SI or DI)
Based Indexed Mode
The operand’s offset is the
sum of the contents of a base register and an index
register
Based Indexed Mode with Displacement
The op-
erand’s offset is the sum of a base register’s con-
tents an index register’s contents and an 8 or 16-bit
displacement
Data Types
The M80C286 directly supports the following data
types
Integer
A signed binary numeric value con-
tained in an 8-bit byte or a 16-bit
word All operations assume a 2’s
complement representation Signed
32 and 64-bit integers are supported
using the Numeric Data Processor
the M80C287
Ordinal
An unsigned binary numeric value
contained in an 8-bit byte or 16-bit
word
Pointer
A 32-bit quantity composed of a
segment selector component and an
offset component Each component
is a 16-bit word
String
A contiguous sequence of bytes or
words A string may contain from 1
byte to 64K bytes
ASCII
A byte representation of alphanu-
meric and control characters using
the ASCII standard of character rep-
resentation
BCD
A byte (unpacked) representation of
the decimal digits 0 – 9
Packed BCD
A byte (packed) representation of
two decimal digits 0 – 9 storing one
digit in each nibble of the byte
Floating Point A signed 32 64 or 80-bit real num-
ber representation
(Floating point
operands are supported using the
M80C287 Numeric Processor)
Figure 6 graphically represents the data types sup-
ported by the M80C286
IO Space
The IO space consists of 64K 8-bit or 32K 16-bit
ports IO instructions address the IO space with
either an 8-bit port address specified in the instruc-
tion or a 16-bit port address in the DX register 8-bit
port addresses are zero extended such that A15–A8
are LOW
IO port addresses 00F8(H) through
00FF(H) are reserved
271103 – 5
Figure 6 M80C286 Supported Data Types
7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com