Electronic Components Datasheet Search
  English  ▼

X  

R5F36CAMNFB Datasheet(PDF) 33 Page - Renesas Technology Corp

Part # R5F36CAMNFB
Description  RENESAS MCU
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F36CAMNFB Datasheet(HTML) 33 Page - Renesas Technology Corp

Back Button R5F36CAMNFB Datasheet HTML 29Page - Renesas Technology Corp R5F36CAMNFB Datasheet HTML 30Page - Renesas Technology Corp R5F36CAMNFB Datasheet HTML 31Page - Renesas Technology Corp R5F36CAMNFB Datasheet HTML 32Page - Renesas Technology Corp R5F36CAMNFB Datasheet HTML 33Page - Renesas Technology Corp R5F36CAMNFB Datasheet HTML 34Page - Renesas Technology Corp R5F36CAMNFB Datasheet HTML 35Page - Renesas Technology Corp R5F36CAMNFB Datasheet HTML 36Page - Renesas Technology Corp R5F36CAMNFB Datasheet HTML 37Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 100 page
background image
R01DS0034EJ0210 Rev.2.10
Page 33 of 96
Jul 31, 2012
M16C/6C Group
4. Special Function Registers (SFRs)
Note:
1.
The blank areas are reserved. No access is allowed.
Table 4.14
SFR Information (14) (1)
Address
Register
Symbol
Reset Value
0300h
Timer B3/B4/B5 Count Start Flag
TBSR
000X XXXXb
0301h
0302h
Timer A1-1 Register
TA11
XXh
0303h
XXh
0304h
Timer A2-1 Register
TA21
XXh
0305h
XXh
0306h
Timer A4-1 Register
TA41
XXh
0307h
XXh
0308h
Three-Phase PWM Control Register 0
INVC0
00h
0309h
Three-Phase PWM Control Register 1
INVC1
00h
030Ah
Three-Phase Output Buffer Register 0
IDB0
XX11 1111b
030Bh
Three-Phase Output Buffer Register 1
IDB1
XX11 1111b
030Ch
Dead Time Timer
DTT
XXh
030Dh
Timer B2 Interrupt Generation Frequency Set Counter
ICTB2
XXh
030Eh
Position-Data-Retain Function Control Register
PDRF
XXXX 0000b
030Fh
0310h
Timer B3 Register
TB3
XXh
0311h
XXh
0312h
Timer B4 Register
TB4
XXh
0313h
XXh
0314h
Timer B5 Register
TB5
XXh
0315h
XXh
0316h
0317h
0318h
Port Function Control Register
PFCR
0011 1111b
0319h
031Ah
031Bh
Timer B3 Mode Register
TB3MR
00XX 0000b
031Ch
Timer B4 Mode Register
TB4MR
00XX 0000b
031Dh
Timer B5 Mode Register
TB5MR
00XX 0000b
031Eh
031Fh
0320h
Count Start Flag
TABSR
00h
0321h
0322h
One-Shot Start Flag
ONSF
00h
0323h
Trigger Select Register
TRGSR
00h
0324h
Increment/Decrement Flag
UDF
00h
0325h
0326h
Timer A0 Register
TA0
XXh
0327h
XXh
0328h
Timer A1 Register
TA1
XXh
0329h
XXh
032Ah
Timer A2 Register
TA2
XXh
032Bh
XXh
032Ch
Timer A3 Register
TA3
XXh
032Dh
XXh
032Eh
Timer A4 Register
TA4
XXh
032Fh
XXh
X: Undefined



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com