Electronic Components Datasheet Search
  English  ▼

X  

R5F36CAMNFB Datasheet(PDF) 23 Page - Renesas Technology Corp

Part # R5F36CAMNFB
Description  RENESAS MCU
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F36CAMNFB Datasheet(HTML) 23 Page - Renesas Technology Corp

Back Button R5F36CAMNFB Datasheet HTML 19Page - Renesas Technology Corp R5F36CAMNFB Datasheet HTML 20Page - Renesas Technology Corp R5F36CAMNFB Datasheet HTML 21Page - Renesas Technology Corp R5F36CAMNFB Datasheet HTML 22Page - Renesas Technology Corp R5F36CAMNFB Datasheet HTML 23Page - Renesas Technology Corp R5F36CAMNFB Datasheet HTML 24Page - Renesas Technology Corp R5F36CAMNFB Datasheet HTML 25Page - Renesas Technology Corp R5F36CAMNFB Datasheet HTML 26Page - Renesas Technology Corp R5F36CAMNFB Datasheet HTML 27Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 100 page
background image
R01DS0034EJ0210 Rev.2.10
Page 23 of 96
Jul 31, 2012
M16C/6C Group
4. Special Function Registers (SFRs)
Note:
1.
The blank areas are reserved. No access is allowed.
Table 4.4
SFR Information (4) (1)
Address
Register
Symbol
Reset Value
0060h
0061h
0062h
0063h
0064h
0065h
0066h
0067h
0068h
0069h
DMA2 Interrupt Control Register
DM2IC
XXXX X000b
006Ah
DMA3 Interrupt Control Register
DM3IC
XXXX X000b
006Bh
UART5 Bus Collision Detection Interrupt Control Register
U5BCNIC
XXXX X000b
006Ch
UART5 Transmit Interrupt Control Register
S5TIC
XXXX X000b
006Dh
UART5 Receive Interrupt Control Register
S5RIC
XXXX X000b
006Eh
UART4 Bus Collision Detection Interrupt Control Register
Real-Time Clock Periodic Interrupt Control Register
U4BCNIC
RTCTIC
XXXX X000b
006Fh
UART4 Transmit Interrupt Control Register
Real-Time Clock Compare Interrupt Control Register
S4TIC
RTCCIC
XXXX X000b
0070h
UART4 Receive Interrupt Control Register
S4RIC
XXXX X000b
0071h
UART3 Bus Collision Detection Interrupt Control Register
U3BCNIC
XXXX X000b
0072h
UART3 Transmit Interrupt Control Register
S3TIC
XXXX X000b
0073h
UART3 Receive Interrupt Control Register
S3RIC
XXXX X000b
0074h
0075h
0076h
USB Interrupt 0 Control Register
USBINT0IC
XXXX X000b
0077h
USB Interrupt 1 Control Register
USBINT1IC
XXXX X000b
0078h
USB RESUME Interrupt Control Register
USBRSMIC
XXXX X000b
0079h
IC/OC Interrupt 0 Control Register
ICOC0IC
XXXX X000b
007Ah
IC/OC Channel 0 Interrupt Control Register
ICOCH0IC
XXXX X000b
007Bh
IC/OC Interrupt 1 Control Register
I2C-bus Interface Interrupt Control Register
ICOC1IC
IICIC
XXXX X000b
007Ch
IC/OC Channel 1 Interrupt Control Register
SCL/SDA Interrupt Control Register
ICOCH1IC
SCLDAIC
XXXX X000b
007Dh
IC/OC Channel 2 Interrupt Control Register
ICOCH2IC
XXXX X000b
007Eh
IC/OC Channel 3 Interrupt Control Register
ICOCH3IC
XXXX X000b
007Fh
IC/OC Base Timer Interrupt Control Register
BTIC
XXXX X000b
0080h to
012Fh
X: Undefined



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com