Electronic Components Datasheet Search
  English  ▼

X  

R5F36CAMNFB Datasheet(PDF) 62 Page - Renesas Technology Corp

Part # R5F36CAMNFB
Description  RENESAS MCU
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F36CAMNFB Datasheet(HTML) 62 Page - Renesas Technology Corp

Back Button R5F36CAMNFB Datasheet HTML 58Page - Renesas Technology Corp R5F36CAMNFB Datasheet HTML 59Page - Renesas Technology Corp R5F36CAMNFB Datasheet HTML 60Page - Renesas Technology Corp R5F36CAMNFB Datasheet HTML 61Page - Renesas Technology Corp R5F36CAMNFB Datasheet HTML 62Page - Renesas Technology Corp R5F36CAMNFB Datasheet HTML 63Page - Renesas Technology Corp R5F36CAMNFB Datasheet HTML 64Page - Renesas Technology Corp R5F36CAMNFB Datasheet HTML 65Page - Renesas Technology Corp R5F36CAMNFB Datasheet HTML 66Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 100 page
background image
R01DS0034EJ0210 Rev.2.10
Page 62 of 96
Jul 31, 2012
M16C/6C Group
5. Electrical Characteristics
VCC1 = VCC2 = 5 V
5.2.2
Timing Requirements (Peripheral Functions and Others)
(VCC1 = VCC2 = 5 V, VSS = 0 V, at Topr = -20°C to 85°C/-40°C to 85°C unless otherwise specified)
5.2.2.1
Reset Input (
RESET Input)
Figure 5.7
Reset Input (
RESET Input)
5.2.2.2
External Clock Input
Note:
1.
The condition is VCC1 = VCC2 = 3.0 to 5.0 V.
Figure 5.8
External Clock Input (XIN Input)
Table 5.22
Reset Input (
RESET Input)
Symbol
Parameter
Standard
Unit
Min.
Max.
tw(RSTL)
RESET input low pulse width
10
μs
Table 5.23
External Clock Input (XIN Input) (1)
Symbol
Parameter
Standard
Unit
Min.
Max.
tc
External clock input cycle time
50
ns
tw(H)
External clock input high pulse width
20
ns
tw(L)
External clock input low pulse width
20
ns
tr
External clock rise time
9ns
tf
External clock fall time
9ns
RESET input
t w(RTSL)
XIN input
t w(H)
tr
tf
t w(L)
tc



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com