Electronic Components Datasheet Search
  English  ▼

X  

R5F36CAMNFB Datasheet(PDF) 17 Page - Renesas Technology Corp

Part # R5F36CAMNFB
Description  RENESAS MCU
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F36CAMNFB Datasheet(HTML) 17 Page - Renesas Technology Corp

Back Button R5F36CAMNFB Datasheet HTML 13Page - Renesas Technology Corp R5F36CAMNFB Datasheet HTML 14Page - Renesas Technology Corp R5F36CAMNFB Datasheet HTML 15Page - Renesas Technology Corp R5F36CAMNFB Datasheet HTML 16Page - Renesas Technology Corp R5F36CAMNFB Datasheet HTML 17Page - Renesas Technology Corp R5F36CAMNFB Datasheet HTML 18Page - Renesas Technology Corp R5F36CAMNFB Datasheet HTML 19Page - Renesas Technology Corp R5F36CAMNFB Datasheet HTML 20Page - Renesas Technology Corp R5F36CAMNFB Datasheet HTML 21Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 100 page
background image
R01DS0034EJ0210 Rev.2.10
Page 17 of 96
Jul 31, 2012
M16C/6C Group
3. Address Space
3.
Address Space
3.1
Address Space
The M16C/6C Group has a 1 MB address space from 00000h to FFFFFh. Figure 3.1 shows the Address
Space. Areas that can be accessed vary depending on processor mode and the status of each control bit.
Figure 3.1
Address Space
00000h
0D000h
00400h
0D800h
0E000h
10000h
14000h
FFFFFh
28000h
27000h
04000h
Internal RAM is allocated from
address 00400h higher.
Program ROM 1 is allocated from
address FFFFFh lower.
When data flash is enabled
When program ROM 2
is enabled
Memory expansion mode
Notes:
1. Do not access reserved areas.
2. The figure above applies under the following condition:
- The PM13 bit in the PM1 register is 0
(addresses 04000h to 0CFFFh and 80000h to CFFFFh are used as external areas).
D0000h
SFR
Internal RAM
Reserved area
External area
SFR
External area
Internal ROM
(data flash)
Internal ROM
(program ROM 2)
External area
Reserved area
External area
Reserved area
Internal ROM
(program ROM 1)
1 MB
address space



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com