Electronic Components Datasheet Search
  English  ▼

X  

R5F36CAMNFB Datasheet(PDF) 31 Page - Renesas Technology Corp

Part # R5F36CAMNFB
Description  RENESAS MCU
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F36CAMNFB Datasheet(HTML) 31 Page - Renesas Technology Corp

Back Button R5F36CAMNFB Datasheet HTML 27Page - Renesas Technology Corp R5F36CAMNFB Datasheet HTML 28Page - Renesas Technology Corp R5F36CAMNFB Datasheet HTML 29Page - Renesas Technology Corp R5F36CAMNFB Datasheet HTML 30Page - Renesas Technology Corp R5F36CAMNFB Datasheet HTML 31Page - Renesas Technology Corp R5F36CAMNFB Datasheet HTML 32Page - Renesas Technology Corp R5F36CAMNFB Datasheet HTML 33Page - Renesas Technology Corp R5F36CAMNFB Datasheet HTML 34Page - Renesas Technology Corp R5F36CAMNFB Datasheet HTML 35Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 100 page
background image
R01DS0034EJ0210 Rev.2.10
Page 31 of 96
Jul 31, 2012
M16C/6C Group
4. Special Function Registers (SFRs)
Note:
1.
The blank areas are reserved. No access is allowed.
Table 4.12
SFR Information (12) (1)
Address
Register
Symbol
Reset Value
02A0h
02A1h
02A2h
02A3h
02A4h
UART3 Special Mode Register 4
U3SMR4
00h
02A5h
UART3 Special Mode Register 3
U3SMR3
000X 0X0Xb
02A6h
UART3 Special Mode Register 2
U3SMR2
X000 0000b
02A7h
UART3 Special Mode Register
U3SMR
X000 0000b
02A8h
UART3 Transmit/Receive Mode Register
U3MR
00h
02A9h
UART3 Bit Rate Register
U3BRG
XXh
02AAh
UART3 Transmit Buffer Register
U3TB
XXh
02ABh
XXh
02ACh
UART3 Transmit/Receive Control Register 0
U3C0
0000 1000b
02ADh
UART3 Transmit/Receive Control Register 1
U3C1
0000 0010b
02AEh
UART3 Receive Buffer Register
U3RB
XXh
02AFh
XXh
02B0h
I2C0 Data Shift Register
S00
XXh
02B1h
02B2h
I2C0 Address Register 0
S0D0
0000 000Xb
02B3h
I2C0 Control Register 0
S1D0
00h
02B4h
I2C0 Clock Control Register
S20
00h
02B5h
I2C0 Start/Stop Condition Control Register
S2D0
0001 1010b
02B6h
I2C0 Control Register 1
S3D0
0011 0000b
02B7h
I2C0 Control Register 2
S4D0
00h
02B8h
I2C0 Status Register 0
S10
0001 000Xb
02B9h
I2C0 Status Register 1
S11
XXXX X000b
02BAh
I2C0 Address Register 1
S0D1
0000 000Xb
02BBh
I2C0 Address Register 2
S0D2
0000 000Xb
02BCh
02BDh
02BEh
02BFh
02C0h
Time Measurement Register 0
Waveform Generation Register 0
G1TM0
G1PO0
XXh
02C1h
XXh
02C2h
Time Measurement Register 1
Waveform Generation Register 1
G1TM1
G1PO1
XXh
02C3h
XXh
02C4h
Time Measurement Register 2
Waveform Generation Register 2
G1TM2
G1PO2
XXh
02C5h
XXh
02C6h
Time Measurement Register 3
Waveform Generation Register 3
G1TM3
G1PO3
XXh
02C7h
XXh
02C8h
Time Measurement Register 4
Waveform Generation Register 4
G1TM4
G1PO4
XXh
02C9h
XXh
02CAh
Time Measurement Register 5
Waveform Generation Register 5
G1TM5
G1PO5
XXh
02CBh
XXh
02CCh
Time Measurement Register 6
Waveform Generation Register 6
G1TM6
G1PO6
XXh
02CDh
XXh
02CEh
Time Measurement Register 7
Waveform Generation Register 7
G1TM7
G1PO7
XXh
02CFh
XXh
X: Undefined



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com