Electronic Components Datasheet Search
  English  ▼

X  

R5F36CAMNFB Datasheet(PDF) 26 Page - Renesas Technology Corp

Part # R5F36CAMNFB
Description  RENESAS MCU
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F36CAMNFB Datasheet(HTML) 26 Page - Renesas Technology Corp

Back Button R5F36CAMNFB Datasheet HTML 22Page - Renesas Technology Corp R5F36CAMNFB Datasheet HTML 23Page - Renesas Technology Corp R5F36CAMNFB Datasheet HTML 24Page - Renesas Technology Corp R5F36CAMNFB Datasheet HTML 25Page - Renesas Technology Corp R5F36CAMNFB Datasheet HTML 26Page - Renesas Technology Corp R5F36CAMNFB Datasheet HTML 27Page - Renesas Technology Corp R5F36CAMNFB Datasheet HTML 28Page - Renesas Technology Corp R5F36CAMNFB Datasheet HTML 29Page - Renesas Technology Corp R5F36CAMNFB Datasheet HTML 30Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 100 page
background image
R01DS0034EJ0210 Rev.2.10
Page 26 of 96
Jul 31, 2012
M16C/6C Group
4. Special Function Registers (SFRs)
Note:
1.
The blank areas are reserved. No access is allowed.
Table 4.7
SFR Information (7) (1)
Address
Register
Symbol
Reset Value
01B0h
DMA3 Source Pointer
SAR3
XXh
01B1h
XXh
01B2h
0Xh
01B3h
01B4h
DMA3 Destination Pointer
DAR3
XXh
01B5h
XXh
01B6h
0Xh
01B7h
01B8h
DMA3 Transfer Counter
TCR3
XXh
01B9h
XXh
01BAh
01BBh
01BCh
DMA3 Control Register
DM3CON
0000 0X00b
01BDh
01BEh
01BFh
01C0h
Timer B0-1 Register
TB01
XXh
01C1h
XXh
01C2h
Timer B1-1 Register
TB11
XXh
01C3h
XXh
01C4h
Timer B2-1 Register
TB21
XXh
01C5h
XXh
01C6h
Pulse Period/Pulse Width Measurement Mode Function Select
Register 1
PPWFS1
XXXX X000b
01C7h
01C8h
Timer B Count Source Select Register 0
TBCS0
00h
01C9h
Timer B Count Source Select Register 1
TBCS1
X0h
01CAh
01CBh
Timer AB Division Control Register 0
TCKDIVC0
0000 X000b
01CCh
01CDh
01CEh
01CFh
01D0h
Timer A Count Source Select Register 0
TACS0
00h
01D1h
Timer A Count Source Select Register 1
TACS1
00h
01D2h
Timer A Count Source Select Register 2
TACS2
X0h
01D3h
01D4h
16-bit Pulse Width Modulation Mode Function Select Register
PWMFS
0XX0 X00Xb
01D5h
Timer A Waveform Output Function Select Register
TAPOFS
XXX0 0000b
01D6h
01D7h
01D8h
Timer A Output Waveform Change Enable Register
TAOW
XXX0 X00Xb
01D9h
01DAh
Three-Phase Protect Control Register
TPRC
00h
01DBh
01DCh
01DDh
01DEh
01DFh
X: Undefined



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com