Electronic Components Datasheet Search
  English  ▼

X  

R5F36CAMNFB Datasheet(PDF) 84 Page - Renesas Technology Corp

Part # R5F36CAMNFB
Description  RENESAS MCU
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F36CAMNFB Datasheet(HTML) 84 Page - Renesas Technology Corp

Back Button R5F36CAMNFB Datasheet HTML 80Page - Renesas Technology Corp R5F36CAMNFB Datasheet HTML 81Page - Renesas Technology Corp R5F36CAMNFB Datasheet HTML 82Page - Renesas Technology Corp R5F36CAMNFB Datasheet HTML 83Page - Renesas Technology Corp R5F36CAMNFB Datasheet HTML 84Page - Renesas Technology Corp R5F36CAMNFB Datasheet HTML 85Page - Renesas Technology Corp R5F36CAMNFB Datasheet HTML 86Page - Renesas Technology Corp R5F36CAMNFB Datasheet HTML 87Page - Renesas Technology Corp R5F36CAMNFB Datasheet HTML 88Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 84 / 100 page
background image
R01DS0034EJ0210 Rev.2.10
Page 84 of 96
Jul 31, 2012
M16C/6C Group
5. Electrical Characteristics
VCC1 = VCC2 = 3 V
Timing Requirements
(VCC1 = VCC2 = 3 V, VSS = 0 V, at Topr = -20°C to 85°C/-40°C to 85°C unless otherwise specified)
5.3.2.5
Timer S Input
Timer S Input (Two-Phase Pulse Input in Two-Phase Pulse Signal Processing Mode)
Table 5.52
Timer S Input (Two-Phase Pulse Input in Two-Phase Pulse Signal Processing Mode)
Symbol
Parameter
Standard
Unit
Min.
Max.
tw(TSH)
TSUDA, TSUDB input high pulse width
2
μs
tw(TSL)
TSUDA, TSUDB input low pulse width
2
μs
tsu(TSUDA-TSUDB)
TSUDB input setup time
1
μs
tsu(TSUDB-TSUDA)
TSUDA input setup time
1
μs
TSUDA input
Two-phase pulse input in two-phase pulse signal processing mode
tw(TSH)
tsu(TSUDA-TSUDB)
TSUDB input
tw(TSL)
tsu(TSUDA-TSUDB)
tsu(TSUDB-TSUDA)
tsu(TSUDB-TSUDA)
tw(TSL)
tw(TSH)
Note:
1.
When the TSUDA and TSUDB phases are interchanged, tsu(TSUDA-TSUDB) and tsu(TSUDB-TSUDA)
are also interchanged.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com