Electronic Components Datasheet Search
  English  ▼

X  

R5F36CAMNFB Datasheet(PDF) 68 Page - Renesas Technology Corp

Part # R5F36CAMNFB
Description  RENESAS MCU
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F36CAMNFB Datasheet(HTML) 68 Page - Renesas Technology Corp

Back Button R5F36CAMNFB Datasheet HTML 64Page - Renesas Technology Corp R5F36CAMNFB Datasheet HTML 65Page - Renesas Technology Corp R5F36CAMNFB Datasheet HTML 66Page - Renesas Technology Corp R5F36CAMNFB Datasheet HTML 67Page - Renesas Technology Corp R5F36CAMNFB Datasheet HTML 68Page - Renesas Technology Corp R5F36CAMNFB Datasheet HTML 69Page - Renesas Technology Corp R5F36CAMNFB Datasheet HTML 70Page - Renesas Technology Corp R5F36CAMNFB Datasheet HTML 71Page - Renesas Technology Corp R5F36CAMNFB Datasheet HTML 72Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 100 page
background image
R01DS0034EJ0210 Rev.2.10
Page 68 of 96
Jul 31, 2012
M16C/6C Group
5. Electrical Characteristics
VCC1 = VCC2 = 5 V
Timing Requirements
(VCC1 = VCC2 = 5 V, VSS = 0 V, at Topr = -20°C to 85°C/-40°C to 85°C unless otherwise specified)
5.2.2.8
Multi-master I2C-bus
Figure 5.15
Multi-master I2C-bus
Table 5.35
Multi-master I2C-bus
Symbol
Parameter
Standard Clock Mode
Fast-mode
Unit
Min.
Max.
Min.
Max.
tBUF
Bus free time
4.7
1.3
μs
tHD;STA
Hold time in start condition
4.0
0.6
μs
tLOW
Hold time in SCL clock 0 status
4.7
1.3
μs
tR
SCL, SDA signals’ rising time
1000
20 + 0.1 Cb
300
ns
tHD;DAT
Data hold time
00
0.9
μs
tHIGH
Hold time in SCL clock 1 status
4.0
0.6
μs
fF
SCL, SDA signals’ falling time
300
20 + 0.1 Cb
300
ns
tsu;DAT
Data setup time
250
100
ns
tsu;STA
Setup time in restart condition
4.7
0.6
μs
tsu;STO
Stop condition setup time
4.0
0.6
μs
SDA
SCL
p
ps
Sr
t LOW
t HD;STA
t HD;DAT
t HIGH
t su;DAT
t su;STA
t R
t F
t HD;STA
t su;STO
t BUF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com