Electronic Components Datasheet Search
  English  ▼

X  

R5F36CAMNFB Datasheet(PDF) 96 Page - Renesas Technology Corp

Part # R5F36CAMNFB
Description  RENESAS MCU
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F36CAMNFB Datasheet(HTML) 96 Page - Renesas Technology Corp

Back Button R5F36CAMNFB Datasheet HTML 92Page - Renesas Technology Corp R5F36CAMNFB Datasheet HTML 93Page - Renesas Technology Corp R5F36CAMNFB Datasheet HTML 94Page - Renesas Technology Corp R5F36CAMNFB Datasheet HTML 95Page - Renesas Technology Corp R5F36CAMNFB Datasheet HTML 96Page - Renesas Technology Corp R5F36CAMNFB Datasheet HTML 97Page - Renesas Technology Corp R5F36CAMNFB Datasheet HTML 98Page - Renesas Technology Corp R5F36CAMNFB Datasheet HTML 99Page - Renesas Technology Corp R5F36CAMNFB Datasheet HTML 100Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 96 / 100 page
background image
R01DS0034EJ0210 Rev.2.10
Page 96 of 96
Jul 31, 2012
M16C/6C Group
Appendix 1. Package Dimensions
Appendix 1. Package Dimensions
The information on the latest package dimensions or packaging may be obtained from “Packages“ on the
Renesas Electronics website.
P-QFP100-14x20-0.65
1.8g
MASS[Typ.]
100P6F-A
PRQP0100JD-B
RENESAS Code
JEITA Package Code
Previous Code
0.2
0.15
0.13
0.4
0.3
0.25
Max
Nom
Min
Dimension in Millimeters
Symbol
Reference
20.2
20.0
19.8
D
14.2
14.0
13.8
E
2.8
A2
23.1
22.8
22.5
17.1
16.8
16.5
3.05
A
0.2
0.1
0
0.8
0.6
0.4
L
10°
0°
c
0.65
e
0.10
y
HD
HE
A1
bp
ZD
ZE
0.575
0.825
x
0.13
2.
1.
DIMENSIONS "*1" AND "*2"
DO NOT INCLUDE MOLD FLASH.
NOTE)
DIMENSION "*3" DOES NOT
INCLUDE TRIM OFFSET.
Detail F
L
*3
*1
F
1
30
31
50
51
80
81
100
Index mark
y
x
c
D
HD
bp
ZD
e
Terminal cross section
b1
bp
2.
1.
DIMENSIONS "*1" AND "*2"
DO NOT INCLUDE MOLD FLASH.
NOTE)
DIMENSION "*3" DOES NOT
INCLUDE TRIM OFFSET.
y
Index mark
x
125
26
50
51
75
76
100
F
*1
*3
ZD
D
HD
bp
Detail F
L1
L
L1
ZE
ZD
c1
b1
bp
A1
HE
HD
y
0.08
e
0.5
c
0°
8°
x
L
0.35
0.5
0.65
0.05
0.1
0.15
A
1.7
15.8
16.0
16.2
15.8
16.0
16.2
A2
1.4
E
13.9
14.0
14.1
D
13.9
14.0
14.1
Reference
Symbol
Dimension in Millimeters
Min
Nom Max
0.15
0.20
0.25
0.09 0.145 0.20
0.08
1.0
1.0
0.18
0.125
1.0
Previous Code
JEITA Package Code
RENESAS Code
PLQP0100KB-A
100P6Q-A / FP-100U / FP-100UV
MASS[Typ.]
0.6g
P-LQFP100-14x14-0.50
e



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com