Electronic Components Datasheet Search
  English  ▼

X  

R5F36CAMNFB Datasheet(PDF) 73 Page - Renesas Technology Corp

Part # R5F36CAMNFB
Description  RENESAS MCU
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F36CAMNFB Datasheet(HTML) 73 Page - Renesas Technology Corp

Back Button R5F36CAMNFB Datasheet HTML 69Page - Renesas Technology Corp R5F36CAMNFB Datasheet HTML 70Page - Renesas Technology Corp R5F36CAMNFB Datasheet HTML 71Page - Renesas Technology Corp R5F36CAMNFB Datasheet HTML 72Page - Renesas Technology Corp R5F36CAMNFB Datasheet HTML 73Page - Renesas Technology Corp R5F36CAMNFB Datasheet HTML 74Page - Renesas Technology Corp R5F36CAMNFB Datasheet HTML 75Page - Renesas Technology Corp R5F36CAMNFB Datasheet HTML 76Page - Renesas Technology Corp R5F36CAMNFB Datasheet HTML 77Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 100 page
background image
R01DS0034EJ0210 Rev.2.10
Page 73 of 96
Jul 31, 2012
M16C/6C Group
5. Electrical Characteristics
Figure 5.18
Timing Diagram
BCLK
CSi
ADi
ALE
RD
25ns(max.)
0ns(min.)
Hi-Z
DBi
0ns(min.)
BHE
Read timing
Memory Expansion Mode and Microprocessor Mode
(in no wait state setting)
25ns(max.)
0ns(min.)
BCLK
CSi
ADi
ALE
BHE
40ns(max.)
0ns(min.)
DBi
Write timing
Hi-Z
1
V
= V
= 5V
CC1
CC2
15ns(max.)
th(BCLK-CS)
tcyc
th(BCLK-AD)
0ns(min.)
td(BCLK-AD)
td(BCLK-ALE)
-4ns(min.)
th(RD-AD)
0ns(min.)
td(BCLK-RD)
th(BCLK-RD)
0ns(min.)
tac1(RD-DB)
tsu(DB-RD)
th(RD-DB)
th(BCLK-ALE)
25ns(max.)
td(BCLK-CS)
25ns(max.)
td(BCLK-CS)
25ns(max.)
0ns(min.)
th(BCLK-CS)
tcyc
25ns(max.)
0ns(min.)
15ns(max.)
td(BCLK-ALE)
-4ns(min.)
th(BCLK-ALE)
td(BCLK-AD)
th(BCLK-AD)
th(WR-AD)
td(BCLK-WR)
th(BCLK-WR)
td(BCLK-DB)
th(BCLK-DB)
td(DB-WR)
th(WR-DB)
t
=
cyc
Measuring conditions
V
= V
= 5V
CC1
CC2
Input timing voltage: V = 0.8 V, V
= 2.0 V
IL
IH
Output timing voltage: V
= 0.4 V, V
= 2.4 V
OL
OH
f(BCLK)
40ns(min.)
(0.5 × t
- 40)ns(min.)
cyc
(0.5 × t
- 10)ns(min.)
cyc
(0.5 × t
- 10)ns(min.)
cyc
(0.5 × t
- 45)ns(max.)
cyc
WR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com