Electronic Components Datasheet Search
  English  ▼

X  

R5F36CAMNFB Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # R5F36CAMNFB
Description  RENESAS MCU
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F36CAMNFB Datasheet(HTML) 3 Page - Renesas Technology Corp

  R5F36CAMNFB Datasheet HTML 1Page - Renesas Technology Corp R5F36CAMNFB Datasheet HTML 2Page - Renesas Technology Corp R5F36CAMNFB Datasheet HTML 3Page - Renesas Technology Corp R5F36CAMNFB Datasheet HTML 4Page - Renesas Technology Corp R5F36CAMNFB Datasheet HTML 5Page - Renesas Technology Corp R5F36CAMNFB Datasheet HTML 6Page - Renesas Technology Corp R5F36CAMNFB Datasheet HTML 7Page - Renesas Technology Corp R5F36CAMNFB Datasheet HTML 8Page - Renesas Technology Corp R5F36CAMNFB Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 100 page
background image
R01DS0034EJ0210 Rev.2.10
Page 3 of 96
Jul 31, 2012
M16C/6C Group
1. Overview
Notes:
1.
See Table 1.3 “Product List” for the operating temperature.
Table 1.2
Specifications (2/2)
Item
Function
Description
Timers
Timer A
16-bit timer × 5
Timer mode, event counter mode, one-shot timer mode, pulse width
modulation (PWM) mode
Event counter two-phase pulse signal processing (two-phase encoder
input) × 3
Programmable output mode × 3
Timer B
16-bit timer × 6
Timer mode, event counter mode, pulse period measurement mode,
pulse width measurement mode
Three-phase motor control
timer functions
• Three-phase inverter control (timer A1, timer A2, timer A4, timer B2)
• On-chip dead time timer
Real-time clock
Count: seconds, minutes, hours, days of the week
Timer S (Input capture/output
compare)
• Input base timer: 16 bits X 1
• I/O: 8 channels
• Time measurement register, Waveform generation register: 16 bits X
8
Serial
Interface
UART0 to UART5
Clock synchronous/asynchronous × 6 channels
I2C-bus, IEBus, special mode 2
SIM (UART2)
Multi-master I2C-bus Interface
1 channel
USB Functions
• Full speed (12 Mbps, USB 2.0 compliant)
• Transfer type: Control IN/OUT, Bulk IN x 2, Bulk OUT x 2, Interrupt IN
x 2
• FIFO size: 584 bytes
• Setup 8 bytes
• Control IN 16 bytes
• Control OUT 16 bytes
• Interrupt IN 16 bytes: 2 channels
• Bulk IN 64 bytes x 2: 2 channels
• Bulk OUT 64 bytes x 2: 2 channels
A/D Converter
10-bit resolution × 26 channels (2 circuits), including sample and hold
function
Conversion time: 1.72 µs
D/A Converter
8-bit resolution × 2 circuits
CRC Calculator
CRC-CCITT (X16 + X12 + X5 + 1),
CRC-16 (X16 + X15 + X2 + 1) compliant
Flash Memory
• Program and erase power supply voltage: 2.7 to 5.5 V
• Program and erase cycles: 1,000 times (program ROM 1, program
ROM 2), 10,000 times (data flash)
• Program security: ROM code protect, ID code check
Debug Functions
On-chip debug, on-board flash rewrite, address match interrupt × 4
Operation Frequency/Supply Voltage
32 MHz/VCC1 = 2.7 to 5.5 V, VCC2 = 2.7 V to VCC1
Current Consumption
Described in Electrical Characteristics
Operating Temperature
-20°C to 85°C, -40°C to 85°C (1)
Package
100-pin QFP: PRQP0100JD-B (Previous package code: 100P6F-A)
100-pin LQFP: PLQP0100KB-A (Previous package code: 100P6Q-A)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com