Electronic Components Datasheet Search
  English  ▼

X  

R5F36CAMNFB Datasheet(PDF) 67 Page - Renesas Technology Corp

Part # R5F36CAMNFB
Description  RENESAS MCU
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F36CAMNFB Datasheet(HTML) 67 Page - Renesas Technology Corp

Back Button R5F36CAMNFB Datasheet HTML 63Page - Renesas Technology Corp R5F36CAMNFB Datasheet HTML 64Page - Renesas Technology Corp R5F36CAMNFB Datasheet HTML 65Page - Renesas Technology Corp R5F36CAMNFB Datasheet HTML 66Page - Renesas Technology Corp R5F36CAMNFB Datasheet HTML 67Page - Renesas Technology Corp R5F36CAMNFB Datasheet HTML 68Page - Renesas Technology Corp R5F36CAMNFB Datasheet HTML 69Page - Renesas Technology Corp R5F36CAMNFB Datasheet HTML 70Page - Renesas Technology Corp R5F36CAMNFB Datasheet HTML 71Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 100 page
background image
R01DS0034EJ0210 Rev.2.10
Page 67 of 96
Jul 31, 2012
M16C/6C Group
5. Electrical Characteristics
VCC1 = VCC2 = 5 V
Timing Requirements
(VCC1 = VCC2 = 5 V, VSS = 0 V, at Topr = -20°C to 85°C/-40°C to 85°C unless otherwise specified)
5.2.2.6
Serial Interface
Figure 5.13
Serial Interface
5.2.2.7
External Interrupt
INTi Input
Figure 5.14
External Interrupt
INTi Input
Table 5.33
Serial Interface
Symbol
Parameter
Standard
Unit
Min.
Max.
tc(CK)
CLKi input cycle time
200
ns
tw(CKH)
CLKi input high pulse width
100
ns
tw(CKL)
CLKi input low pulse width
100
ns
td(C-Q)
TXDi output delay time
80
ns
th(C-Q)
TXDi hold time
0ns
tsu(D-C)
RXDi input setup time
70
ns
th(C-D)
RXDi input hold time
90
ns
Table 5.34
External Interrupt
INTi Input
Symbol
Parameter
Standard
Unit
Min.
Max.
tw(INH)
INTi input high pulse width
250
ns
tw(INL)
INTi input low pulse width
250
ns
CLKi
TXDi
RXDi
tc(CK)
t w(CKH)
t w(CKL)
th(C-Q)
td(C-Q)
tsu(D-C)
th(C-D)
INTi input
t w(INL)
t w(INH)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com