Electronic Components Datasheet Search
  English  ▼

X  

R5F36CAMNFB Datasheet(PDF) 5 Page - Renesas Technology Corp

Part # R5F36CAMNFB
Description  RENESAS MCU
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F36CAMNFB Datasheet(HTML) 5 Page - Renesas Technology Corp

  R5F36CAMNFB Datasheet HTML 1Page - Renesas Technology Corp R5F36CAMNFB Datasheet HTML 2Page - Renesas Technology Corp R5F36CAMNFB Datasheet HTML 3Page - Renesas Technology Corp R5F36CAMNFB Datasheet HTML 4Page - Renesas Technology Corp R5F36CAMNFB Datasheet HTML 5Page - Renesas Technology Corp R5F36CAMNFB Datasheet HTML 6Page - Renesas Technology Corp R5F36CAMNFB Datasheet HTML 7Page - Renesas Technology Corp R5F36CAMNFB Datasheet HTML 8Page - Renesas Technology Corp R5F36CAMNFB Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 100 page
background image
R01DS0034EJ0210 Rev.2.10
Page 5 of 96
Jul 31, 2012
M16C/6C Group
1. Overview
Figure 1.1
Part No., with Memory Size and Package
Figure 1.2
Marking Diagram (Top View)
Package type
D: Operating temperature: -40
°C to 85°C
N: Operating temperature: -20
°C to 85°C
Memory type
Renesas MCU
Renesas semiconductor
M16C/6C Group
Memory capacity
16-bit MCU
Part No.
FA: Package PRQP0100JD-B (100P6F-A)
FB: Package PLQP0100KB-A (100P6Q-A)
FB
D
M
6CA
3
F
5
R
Property Code
Program ROM 1/RAM
M: 512 KB/31 KB
K: 384 KB/31KB
E: 256 KB/20 KB
6: 128 KB/12 KB
F: Flash memory
M 1 6 C
R 5 F 3 6 C A M D F B
X X X X X X X
Type No.
Running No. 0 to 9, A to Z (except for I, O, Q)
Week code (from 01 to 54)
Last one digit of year
(See Figure 1.1 “Part No., with Memory Size and Package”)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com