Electronic Components Datasheet Search
  English  ▼

X  

R5F36CAMNFB Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # R5F36CAMNFB
Description  RENESAS MCU
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F36CAMNFB Datasheet(HTML) 1 Page - Renesas Technology Corp

  R5F36CAMNFB Datasheet HTML 1Page - Renesas Technology Corp R5F36CAMNFB Datasheet HTML 2Page - Renesas Technology Corp R5F36CAMNFB Datasheet HTML 3Page - Renesas Technology Corp R5F36CAMNFB Datasheet HTML 4Page - Renesas Technology Corp R5F36CAMNFB Datasheet HTML 5Page - Renesas Technology Corp R5F36CAMNFB Datasheet HTML 6Page - Renesas Technology Corp R5F36CAMNFB Datasheet HTML 7Page - Renesas Technology Corp R5F36CAMNFB Datasheet HTML 8Page - Renesas Technology Corp R5F36CAMNFB Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 100 page
background image
R01DS0034EJ0210 Rev.2.10
Page 1 of 96
Jul 31, 2012
M16C/6C Group
RENESAS MCU
R01DS0034EJ0210
Rev.2.10
Jul 31, 2012
Datasheet
1.
Overview
1.1
Features
The M16C/6C Group microcomputer (MCU) incorporates the M16C/60 Series CPU core and flash
memory, employing sophisticated instructions for a high level of efficiency. This MCU has 1 MB of address
space and it is capable of executing instructions at high speed. In addition, the CPU core boasts a
multiplier for high-speed operation processing.
This MCU consumes low power, and supports operating modes that allow additional power control. The
MCU also uses an anti-noise configuration to reduce emissions of electromagnetic noise and is designed
to withstand electromagnetic interference (EMI). By integrating many of the peripheral functions, including
the multifunction timer and serial interface, the number of system components has been reduced.
1.1.1
Applications
This MCU can be used in personal computer peripherals (USB compatible products), audio
components, cameras, televisions, household appliances, office equipment, communication devices,
mobile devices, industrial equipment, and other applications.
Note: This product has been designed and developed for the purpose of being used in
consumer products. It cannot be used with products that require a high level of quality
such as automotive electronics.


Similar Part No. - R5F36CAMNFB

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R5F36CAMNFB RENESAS-R5F36CAMNFB Datasheet
797Kb / 94P
RENESAS MCU
R5F36CAMNFB RENESAS-R5F36CAMNFB Datasheet
769Kb / 99P
This MCU consumes low power, and supports operating modes that allow additional
More results

Similar Description - R5F36CAMNFB

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
32C8B RENESAS-32C8B Datasheet
1Mb / 69P
RENESAS MCU
R32C118A RENESAS-R32C118A_15 Datasheet
940Kb / 132P
RENESAS MCU
RL78 RENESAS-RL78_15 Datasheet
1Mb / 153P
RENESAS MCU
RL78G1G RENESAS-RL78G1G_15 Datasheet
775Kb / 70P
RENESAS MCU
R32C151 RENESAS-R32C151_15 Datasheet
774Kb / 122P
RENESAS MCU
R8C33C RENESAS-R8C33C_15 Datasheet
528Kb / 56P
RENESAS MCU
R8C36W RENESAS-R8C36W_15 Datasheet
631Kb / 71P
RENESAS MCU
M16C5LD RENESAS-M16C5LD_15 Datasheet
673Kb / 88P
RENESAS MCU
R8C3GM RENESAS-R8C3GM_15 Datasheet
530Kb / 56P
RENESAS MCU
R8C3JM RENESAS-R8C3JM_15 Datasheet
543Kb / 57P
RENESAS MCU
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com