Electronic Components Datasheet Search
  English  ▼

X  

R5F36CAMNFB Datasheet(PDF) 52 Page - Renesas Technology Corp

Part # R5F36CAMNFB
Description  RENESAS MCU
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F36CAMNFB Datasheet(HTML) 52 Page - Renesas Technology Corp

Back Button R5F36CAMNFB Datasheet HTML 48Page - Renesas Technology Corp R5F36CAMNFB Datasheet HTML 49Page - Renesas Technology Corp R5F36CAMNFB Datasheet HTML 50Page - Renesas Technology Corp R5F36CAMNFB Datasheet HTML 51Page - Renesas Technology Corp R5F36CAMNFB Datasheet HTML 52Page - Renesas Technology Corp R5F36CAMNFB Datasheet HTML 53Page - Renesas Technology Corp R5F36CAMNFB Datasheet HTML 54Page - Renesas Technology Corp R5F36CAMNFB Datasheet HTML 55Page - Renesas Technology Corp R5F36CAMNFB Datasheet HTML 56Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 100 page
background image
R01DS0034EJ0210 Rev.2.10
Page 52 of 96
Jul 31, 2012
M16C/6C Group
5. Electrical Characteristics
5.1.5
USB Characteristics
Figure 5.3
Data Signal Timing Diagram
Figure 5.4
Load Condition
Table 5.8
USB Characteristics
VCC1 = 3.0 to 5.5 V, UVCC = 3.0 to 3.6 V, at Topr = -20°C to 85°C / -40°C to 85°C unless otherwise specified.
Symbol
Parameter
Measuring Condition
Standard
Unit
Min.
Typ.
Max.
VIH
Input
Characteristics
High Input Voltage
Figure 5.3, Figure 5.4
2.0
-
-
V
VIL
Low Input Voltage
-
-
0.8
V
VDI
Differential Input Sensitivity
0.2
-
-
V
VCM
Differential Common Mode Range
0.8
-
2.5
V
VOH
Output
Characteristics
High Output Voltage
Figure 5.3, Figure 5.4
IOH = 200 μA
2.8
-
-
V
VOL
Low Output Voltage
Figure 5.3, Figure 5.4
IOL = 2 mA
--
0.3
V
VCRS
Crossover Voltage
Figure 5.3, Figure 5.4
1.3
-
2.0
V
tR
Rise Time
Figure 5.3, Figure 5.4
4.0
-
20.0
ns
tF
Fall Time
Figure 5.3, Figure 5.4
4.0
-
20.0
ns
tRFM
Rise Time / Fall Time Matching
Figure 5.3, Figure 5.4 (tR/tF) 90.0
-
111.1
%
ZDRV
Output Resistance
Figure 5.3, Figure 5.4
Includes Rs = 27 Ω
28.0
-
44.0
W
UVCC
UVCC Output
Voltage
VCC1 = 4.0 to 5.5V, PXXCON = VDDUSBE = 1
3.0
3.3
3.6
V
PXXCON = 0
-
VCC1
-V
Isusp
Consumption current of the Internal Power Supply
for USB
VCC1 = 4.0 to 5.5 V
UVCC to VSS 0.33 μF
VCC1 to VSS 0.1 μF
50
μA
D+ D-
V
CRS
90%
90%
10%
10%
Rising time
Falling time
t
R
t
F
Differential
Date Lines
D+
D-
R
S = 27 Ω
Test point
Test point
R
S = 27 Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com