Electronic Components Datasheet Search
  English  ▼

X  

UPD30121 Datasheet(PDF) 26 Page - NEC

Part # UPD30121
Description  VR4121TM 64-/32-BIT MICROPROCESSOR
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD30121 Datasheet(HTML) 26 Page - NEC

Back Button UPD30121 Datasheet HTML 22Page - NEC UPD30121 Datasheet HTML 23Page - NEC UPD30121 Datasheet HTML 24Page - NEC UPD30121 Datasheet HTML 25Page - NEC UPD30121 Datasheet HTML 26Page - NEC UPD30121 Datasheet HTML 27Page - NEC UPD30121 Datasheet HTML 28Page - NEC UPD30121 Datasheet HTML 29Page - NEC UPD30121 Datasheet HTML 30Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 76 page
background image
Data Sheet U14691EJ1V0DS00
26
µµµµPD30121
Operating Conditions
(1) 131 MHz model
Parameter
Symbol
Condition
MIN.
MAX.
Unit
VDD2
2.5 V (VDDP, VDDPD, VDD2)
2.3
2.7
V
Supply voltage
VDD3
3.3 V (CVDD, DVDD, AVDD, PIUVDD, VDD3)
3.0
3.45
V
Ambient temperature
TA
−10
+70
°C
Oscillation start voltage
Note 1
VDDS
3.0
V
Oscillation hold voltage
Note 2
VDDH1
2.5
V
Oscillation hold voltage
Note 3
VDDH2
3.0
V
Notes 1. This is a voltage at which oscillation is always started after power application, and is applied to
oscillators of 32.768 kHz and 18.432 MHz.
2. This is a voltage at which oscillation can be guaranteed if the voltage is lowered from the normal
operation level, and is applied to an oscillator of 32.768 kHz.
3. This is a voltage at which oscillation can be guaranteed if the voltage is lowered from the normal
operation level, and is applied to an oscillator of 18.432 MHz.
(2) 168 MHz model
Parameter
Symbol
Condition
MIN.
MAX.
Unit
Supply voltage
VDD2
2.5 V (VDDP, VDDPD, VDD2)
2.6
2.7
Note 1
V
VDD3
3.3 V (CVDD, DVDD, AVDD, PIUVDD, VDD3)
3.0
3.45
V
Ambient temperature
TA
−10
+70
°C
Oscillation start voltage
Note 2
VDDS
3.0
V
Oscillation start voltage
Note 3
VDDH1
2.5
V
Oscillation start voltage
Note 4
VDDH2
3.0
V
Notes 1. If VDD2 exceeds 2.7 V, be sure to keep the time for which the voltage is exceeded to less than 10 % of
the total operating time of the VR4121, and the maximum value of VDD2 to less than 2.8 V.
2. This is a voltage at which oscillation is always started after power application, and is applied to
oscillators of 32.768 kHz and 18.432 MHz.
3. This is a voltage at which oscillation can be guaranteed if the voltage is lowered from the normal
operation level, and is applied to an oscillator of 32.768 kHz.
4. This is a voltage at which oscillation can be guaranteed if the voltage is lowered from the normal
operation level, and is applied to an oscillator of 18.432 MHz.
Capacitance (TA = 25
°°°°C, VDD = 0 V)
Parameter
Symbol
Condition
MIN.
MAX.
Unit
Input capacitance
CI
10
pF
I/O capacitance
CIO
fC = 1 MHz
Unmeasured pins returned to 0 V.
10
pF
Caution Precision tests have not been performed. Only guaranteed as design characteristics.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com