Electronic Components Datasheet Search
  English  ▼

X  

UPD30121 Datasheet(PDF) 31 Page - NEC

Part # UPD30121
Description  VR4121TM 64-/32-BIT MICROPROCESSOR
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD30121 Datasheet(HTML) 31 Page - NEC

Back Button UPD30121 Datasheet HTML 27Page - NEC UPD30121 Datasheet HTML 28Page - NEC UPD30121 Datasheet HTML 29Page - NEC UPD30121 Datasheet HTML 30Page - NEC UPD30121 Datasheet HTML 31Page - NEC UPD30121 Datasheet HTML 32Page - NEC UPD30121 Datasheet HTML 33Page - NEC UPD30121 Datasheet HTML 34Page - NEC UPD30121 Datasheet HTML 35Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 76 page
background image
Data Sheet U14691EJ1V0DS00
31
µµµµPD30121
Data Retention Characteristics (TA = 25
°°°°C)
Parameter
Symbol
Condition
MIN.
MAX.
Unit
Data retention voltage
Note 1
VDDDR3
Hibernate mode, 3.3 V power supply
2.5
3.45
V
Data retention input voltage, high
Note 2
VIHDR
0.9VDDDR3
V
Notes 1. The data retention voltage is the voltage at which the operation of the Elapsed Time timer and the data
retention of the registers of the following peripheral units are guaranteed, and is not applied to the
internal data of the CPU core.
BCU: BCURFCNTREG, BCUCNTREG3, SDRAMMODEREG, SROMMODEREG, SDRAMCNTREG
PUM: PMUCNTREG (15:8), PMUCNT2REG, PMUWAITREG, PMUDIVREG
RTC: ETIMELREG,
ETIMEMREG,
ETIMEHREG,
ECMPLREG,
ECMPMREG,
ECMPHREG,
RTCL1LREG,
RTCL1HREG,
RTCL1CNTLREG,
RTCL1CNTHREG,
RTCL2LREG,
RTCL2HREG, RTCL2CNTLREG, RTCL2CNTHREG, RTCINTREG (2:0)
GIU:
GIUPODATL, GIUPODATH, GIUUSEUPNL, GIUTERMUPNL
KIU:
KIUGPEN, PORTREG
LED: LEDHTSREG, LEDLTSREG, LEDHLTCLREG, LEDHLTCHREG, LEDCNTREG
2. Applied to RTCRST# pin.
Remark The values in parentheses are the targeted values.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com