Electronic Components Datasheet Search
  English  ▼

X  

UPD30121 Datasheet(PDF) 27 Page - NEC

Part # UPD30121
Description  VR4121TM 64-/32-BIT MICROPROCESSOR
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD30121 Datasheet(HTML) 27 Page - NEC

Back Button UPD30121 Datasheet HTML 23Page - NEC UPD30121 Datasheet HTML 24Page - NEC UPD30121 Datasheet HTML 25Page - NEC UPD30121 Datasheet HTML 26Page - NEC UPD30121 Datasheet HTML 27Page - NEC UPD30121 Datasheet HTML 28Page - NEC UPD30121 Datasheet HTML 29Page - NEC UPD30121 Datasheet HTML 30Page - NEC UPD30121 Datasheet HTML 31Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 76 page
background image
Data Sheet U14691EJ1V0DS00
27
µµµµPD30121
DC Characteristics
(1) 131 MHz model (TA =
−−−−10 to +70°°°°C, VDD2 = 2.3 to 2.7 V, VDD3 = 3.0 to 3.45 V)
(1/2)
Parameter
Symbol
Condition
MIN.
TYP.
MAX.
Unit
Output voltage, high
VOH1
IOH =
−2 mA
0.8VDD3
V
Output voltage, high
Note 1
VOH2
IOH =
−12 mA
0.8VDD3
V
IOL = 2 mA
0.4
Output voltage, low
VOL1
IOL = 20
µA0.1
V
IOL = 12 mA
0.4
Output voltage, low
Note 1
VOL2
IOL = 20
µA0.1
V
Clock input voltage, high
Note 2
VIH1
0.8 VDD3
VDD3 + 0.3
V
Clock input voltage, low
Note 2
VIL1
−0.3
0.3 VDD3
V
Input voltage, high
Note 3
VIH2
2.0
VDD3 + 0.3
V
Input voltage, low
Note 3
VIL2
−0.3
0.3VDD3
V
Input voltage, high
Note 4
VIH3
0.75VDD3
VDD3 + 0.3
V
Input voltage, low
Note 4
VIL3
−0.3
0.6
V
Hysteresis voltage
Note 4, 5
VH
0.17VDD3
V
Input leakage current
Note 6
ILI
VDD3 = 3.45 V, VI = VDD3, 0 V
±5
µA
Input leakage current, high
Note 7
ILIH
VDD3 = 3.45 V, VI = VDD3
72
µA
Input leakage current, low
Note 8
ILIL
VDD3 = 3.45 V, VI = 0 V
−72
µA
Output leakage current
ILO
VDD3 = 3.45 V, VI = VDD3, 0 V
±5
µA
Notes 1. Applied to TPX (0:1), TPY (0:1). A panel resistance of 250
Ω is presumed.
2. Applies to FIRCLK and HSPSCLK pins.
3. Except RTCX1, CLKX1, FIRCLK, HSPSCLK, TPX (0:1), TPY (0:1), ADIN (0:2), AUDIOIN, POWER,
RSTSW#, RTCRST#, GPIO (0:3), SRAS#/GPIO4, SCAS#/GPIO5, SYDIR/GPIO6, SPOWER/GPIO7,
GPIO (8:14), DCD#/GPIO15, BATTINH/BATTINT#, IRING, and KPORT (0:7) pins.
4. Applied to POWER, RSTSW#, RTCRST#, GPIO (0:3), SRAS#/GPIO4, SCAS#/GPIO5, SYDIR/GPIO6,
SPOWER/GPIO7, GPIO (8:14), DCD#/GPIO15, BATTINH/BATTINT#, IRING, and KPORT (0:7) pins.
5. Hysteresis voltage: Difference between the minimum voltage at which the high level of a Schmitt input
signal is not recognized when the signal goes from low to high and the maximum voltage at which the
low level is not recognized when the signal goes from high to low.
6. Except KPORT (0:7) (input pins with pull-down resistor), TPX (0:1), and TPY (0:1) pins.
7. Applied to KPORT (0:7) pin (input pins with pull-down resistor), GPIO (0:3), SRAS#/GPIO4,
SCAS#/GPIO5, SYSDIR/GPIO6, SPOWER/GPIO7, and GPIO (8:14) pins when the internal pull-down
resistor is used.
8. Applied to GPIO (0:3), SRAS#/GPIO4, SCAS#/GPIO5, SYSDIR/GPIO6, SPOWER/GPIO7, and GPIO
(8:14) pins when the internal pull-up resistor is used.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com