| Electronic Components Datasheet Search |
|
UPD30121 Datasheet(PDF) 10 Page - NEC |
|
|
|||||||||||||||||||||||||||||
UPD30121 Datasheet(HTML) 10 Page - NEC |
|
10 / 76 page ![]() Data Sheet U14691EJ1V0DS00 10 µµµµPD30121 (3/3) Signal I/O Function RSTOUT O This is the system bus reset signal. It is active when the VR4121 resets the system bus controller (during bus timeout, manipulation of BCUCNTREG1 register, and power-down mode). MEMCS16# I This is a dynamic bus sizing request signal. Set this signal as active when system bus memory accesses data in 16-bit width. This signal is invalid when 32-bit width is selected using LCD/high-speed system bus. IOCS16# I This is a dynamic bus sizing request signal. Set this signal as active when system bus I/O accesses data in 16-bit width. This signal is invalid when 32-bit width is selected using LCD/high-speed system bus. IOCHRDY I This is the system bus ready signal. Set this signal as active when the system bus controller is ready to be accessed by the VR4121. HLDRQ# I This is a hold request signal for the system bus and DRAM bus that is sent from an external bus master. HLDACK# O This is a hold acknowledge signal for the system bus and DRAM bus that is sent to an external bus master. SRAS#/GPIO4 I/O This function differs depending on the type of memory being accessed. <When accessing DRAM (EDO type)> This is a general-purpose I/O port. <When accessing SDRAM> This is the RAS signal for SDRAM and SROM only. SCAS#/GPIO5 I/O This function differs depending on the type of memory being accessed. <When accessing DRAM (EDO type)> This is a general-purpose I/O port. <When accessing SDRAM> This is the CAS signal for SDRAM and SROM only. SYSDIR/GPIO6 I/O This function differs depending on the type of memory being accessed. <When accessing DRAM (EDO type)> This is a general-purpose I/O port. <When accessing SDRAM> This is the direction control signal for the buffer used to reduce the DATA bus's load. SPOWER/ GPIO7 I/O This function differs depending on the type of memory being accessed. <When accessing DRAM (EDO type)> This is a general-purpose I/O port. <When accessing SDRAM> This is the SDRAM's power supply control signal. (2) Clock interface signals Signal I/O Function RTCX1 I This is the 32.768-kHz oscillator’s input pin. It is connected to one side of a crystal resonator. RTCX2 O This is the 32.768-kHz oscillator’s output pin. It is connected to one side of a crystal resonator. CLKX1 I This is the 18.432-MHz oscillator’s input pin. It is connected to one side of a crystal resonator. CLKX2 O This is the 18.432-MHz oscillator’s output pin. It is connected to one side of a crystal resonator. FIRCLK I This is the 48-MHz clock input pin. Fix this at high level when FIR is not used. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |