Electronic Components Datasheet Search
  English  ▼

X  

UPD30121 Datasheet(PDF) 50 Page - NEC

Part # UPD30121
Description  VR4121TM 64-/32-BIT MICROPROCESSOR
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD30121 Datasheet(HTML) 50 Page - NEC

Back Button UPD30121 Datasheet HTML 46Page - NEC UPD30121 Datasheet HTML 47Page - NEC UPD30121 Datasheet HTML 48Page - NEC UPD30121 Datasheet HTML 49Page - NEC UPD30121 Datasheet HTML 50Page - NEC UPD30121 Datasheet HTML 51Page - NEC UPD30121 Datasheet HTML 52Page - NEC UPD30121 Datasheet HTML 53Page - NEC UPD30121 Datasheet HTML 54Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 76 page
background image
Data Sheet U14691EJ1V0DS00
50
µµµµPD30121
(11) Flash memory mode read parameter
Parameter
Symbol
Condition
MIN.
MAX.
Unit
Data output delay time from address
tAVQV
180
ns
Data output delay time from ROMCS (0:3)#
tELQV
180
ns
Address setup time (to ROMCS (0:3)#
↓)tAVEL
0ns
Data output delay time from RD#
↓
tGLQV
80
ns
Address setup time (to RD#
↓)tAVGL
0ns
ROMCS (0:3)# hold time (from RD#
↑)tGHEH
10
ns
Address hold time (from RD#
↑)tGHAX
10
ns
RD# high-level width
tGHGL
75
ns
Data input setup time
tDS
0ns
Data input hold time
tDH
5ns
ROMCS (0:3)# setup time (to RD#
↓)tELGL
10
ns
ROMCS (0:3)#
(output)
RD#
(output)
Invalid
ADD (19:20),
ADD (0:8)
(output)
ADD (9:18)
(output)
Invalid
tAVEL
tAVGL
tELGL
tGLQV
tELQV
tALQV
tGHGL
tGHEH
tGHAX
tDS
tDH
DATA
(I/O)
Note
Note In 32-bit mode: Applied to DATA (16:31)/GPIO (16:31) and DATA (0:15) pins
In 16-bit mode: Applied to DATA (0:15) pins
Remark The broken lines indicate high impedance.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com