Electronic Components Datasheet Search
  English  ▼

X  

UPD30121 Datasheet(PDF) 68 Page - NEC

Part # UPD30121
Description  VR4121TM 64-/32-BIT MICROPROCESSOR
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD30121 Datasheet(HTML) 68 Page - NEC

Back Button UPD30121 Datasheet HTML 64Page - NEC UPD30121 Datasheet HTML 65Page - NEC UPD30121 Datasheet HTML 66Page - NEC UPD30121 Datasheet HTML 67Page - NEC UPD30121 Datasheet HTML 68Page - NEC UPD30121 Datasheet HTML 69Page - NEC UPD30121 Datasheet HTML 70Page - NEC UPD30121 Datasheet HTML 71Page - NEC UPD30121 Datasheet HTML 72Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 76 page
background image
Data Sheet U14691EJ1V0DS00
68
µµµµPD30121
(20) Debug serial interface parameter
Parameter
Symbol
Condition
MIN.
MAX.
Unit
DDOUT output pulse width
Note
tDDOUT
N – 1
N + 1
µs
DDIN input pulse width
Note
tDDIN
(9/16)
× N
µs
Note N: Transfer rate of baud rate per bit set to the BPR0 bits of the BPRM0REG register.
BPR0 (2:0) Bits
Baud Rate (bps)
N (
µs)
111
115,200
8.68
110
57,600
17.36
101
38,400
26.04
100
19,200
52.03
011
9,600
104.16
010
4,800
208.33
001
2,400
416.66
000
1,200
833.33
DDIN
(input)
DDOUT
(output)
tDDIN
tDDOUT
(21) HSP interface parameter
Parameter
Symbol
Condition
MIN.
MAX.
Unit
SDO output delay time
Note 1
tSDOD
15
ns
SDI setup time
Note 2
tSDIS
25
ns
SDI hold time
Note 2
tSDIH
0ns
FS setup time
Note 2
tFSIS
20
ns
FS hold time
Note 2
tFSIH
0ns
Notes 1. The reference clock of this parameter is the rising edge of HSPSCLK signal.
2. The reference clock of this parameter is the falling edge of HSPSCLK signal.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com