Electronic Components Datasheet Search
  English  ▼

X  

UPD30121 Datasheet(PDF) 70 Page - NEC

Part # UPD30121
Description  VR4121TM 64-/32-BIT MICROPROCESSOR
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD30121 Datasheet(HTML) 70 Page - NEC

Back Button UPD30121 Datasheet HTML 66Page - NEC UPD30121 Datasheet HTML 67Page - NEC UPD30121 Datasheet HTML 68Page - NEC UPD30121 Datasheet HTML 69Page - NEC UPD30121 Datasheet HTML 70Page - NEC UPD30121 Datasheet HTML 71Page - NEC UPD30121 Datasheet HTML 72Page - NEC UPD30121 Datasheet HTML 73Page - NEC UPD30121 Datasheet HTML 74Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 76 page
background image
Data Sheet U14691EJ1V0DS00
70
µµµµPD30121
A/D Converter Characteristics (131 MHz model: TA = –10 to +70
°°°°C, VDD2 = 2.3 to 2.7 V, VDD3 = 3.0 to 3.45 V
168 MHz model: TA = –10 to +70
°°°°C, VDD2 = 2.6 to 2.7 V, VDD3 = 3.0 to 3.45 V)
Parameter
Symbol
Condition
MIN.
TYP.
MAX.
Unit
Resolution
10
bit
Zero-scale error
Notes 1, 2
ZSE
0
±4.0
LSB
Full-scale error
Notes 1, 2
RSE
0
±5.0
LSB
Integral linearity error
Notes 1, 2
INL
0
±3.0
LSB
Differential linearity error
Notes 1, 2
DNL
0
±3.0
LSB
Analog input voltage
Notes 1, 3
VIAN
–0.3
AVDD + 0.3
V
Notes 1. Applied to TPX (0:1), TPY (0:1), ADIN (0:2), and AUDIOIN pins.
2. Quantization error is excluded.
3. AVDD is a voltage on the AVDD pin that is VDD dedicated to the A/D converter.
D/A Converter Characteristics (131 MHz model: TA = –10 to +70
°°°°C, VDD2 = 2.3 to 2.7 V, VDD3 = 3.0 to 3.45 V
168 MHz model: TA = –10 to +70
°°°°C, VDD2 = 2.6 to 2.7 V, VDD3 = 3.0 to 3.45 V)
Parameter
Symbol
Condition
MIN.
TYP.
MAX.
Unit
Resolution
10
bit
Integral linearity error
Notes 1, 2
INL
0
±3.0
LSB
Differential linearity error
Notes 1, 2
DNL
0
±3.0
LSB
Notes 1. Applied to AUDIOOUT pin.
2. Quantization error is excluded.
Load Coefficient (Delay Time per Load Capacitance)
Rating
Unit
Parameter
Symbol
Condition
MIN.
MAX.
Load coefficient
CLD
5
ns/20 pF
Caution Because NEC confirmed the characteristics by simulation at the design phase, screening on
shipment is omitted.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com