Electronic Components Datasheet Search
  English  ▼

X  

UPD30121 Datasheet(PDF) 66 Page - NEC

Part # UPD30121
Description  VR4121TM 64-/32-BIT MICROPROCESSOR
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD30121 Datasheet(HTML) 66 Page - NEC

Back Button UPD30121 Datasheet HTML 62Page - NEC UPD30121 Datasheet HTML 63Page - NEC UPD30121 Datasheet HTML 64Page - NEC UPD30121 Datasheet HTML 65Page - NEC UPD30121 Datasheet HTML 66Page - NEC UPD30121 Datasheet HTML 67Page - NEC UPD30121 Datasheet HTML 68Page - NEC UPD30121 Datasheet HTML 69Page - NEC UPD30121 Datasheet HTML 70Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 76 page
background image
Data Sheet U14691EJ1V0DS00
66
µµµµPD30121
(19) Serial interface parameter (1/2)
Parameter
Symbol
Condition
MIN.
MAX.
Unit
TxD output pulse width
Note
tTXD
N – 1
N + 1
µs
RxD input pulse width
Note
tRXD
(9/16)
× N
µs
IRDOUT# high-level output pulse width
Note
tIRDOUT
(3/16)
× N – 1
(3/16)
× N + 1
µs
IRDIN input pulse width
tIRDIN
1
µs
Note N: Data transfer rate per bit, which is determined by the divisor of the baud-rate generator that is set with
the SIUDLL and SIUDLM registers.
Baud Rate (bps)
SIUDLM, SIUDLL Resister
N (
µs)
50
23,040
20,000
75
15,360
13,333
110
10,473
9,091
134.5
8,565
7,435
150
7,680
6,667
300
3,840
3,333
600
1,920
1,667
1,200
920
833
1,800
640
556
2,000
573
500
2,400
480
417
3,600
320
278
4,800
240
208
7,200
160
139
9,600
120
104
19,200
60
52.1
38,400
30
26.0
56,000
21
17.9
128,000
9
7.81
144,000
8
6.94
192,000
6
5.21
230,400
5
4.34
288,000
4
3.47
384,000
3
2.60
576,000
2
1.74
1,152,000
1
0.868



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com