Electronic Components Datasheet Search
  English  ▼

X  

UPD30121 Datasheet(PDF) 30 Page - NEC

Part # UPD30121
Description  VR4121TM 64-/32-BIT MICROPROCESSOR
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD30121 Datasheet(HTML) 30 Page - NEC

Back Button UPD30121 Datasheet HTML 26Page - NEC UPD30121 Datasheet HTML 27Page - NEC UPD30121 Datasheet HTML 28Page - NEC UPD30121 Datasheet HTML 29Page - NEC UPD30121 Datasheet HTML 30Page - NEC UPD30121 Datasheet HTML 31Page - NEC UPD30121 Datasheet HTML 32Page - NEC UPD30121 Datasheet HTML 33Page - NEC UPD30121 Datasheet HTML 34Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 76 page
background image
Data Sheet U14691EJ1V0DS00
30
µµµµPD30121
(2/2)
Parameter
Symbol
Condition
MIN.
TYP.
Note 1
MAX.
Unit
In Fullspeed mode
180
370
mA
In Standby mode
50
100
mA
In Suspend mode
15
30
mA
IDD2
Note 2
In Hibernate mode, VDD2 = 0.0 V,
when LED unit is off.
00
µA
In Fullspeed mode, ADD (0:24),
ADD25/SCLK, CKE, RD#, WR#, TPX
(0:1), TPY (0:1) = 120 pF,
other pins = 40 pF
30
60
mA
In Standby mode, external load 0 pF
10
30
mA
In Suspend mode, external load 0 pF
3
9
mA
Power supply current
IDD3
Note 3
In Hibernate mode, external load 0 pF,
when LED unit is off.
100
500
µA
Notes 1. Unless otherwise specified, these are reference values at TA = 25
°C, VDD2 = 2.6 V, VDD3 = 3.3 V.
2. Total current flowing to the VDDP, VDDPD, and VDD2 pins.
3. Total current flowing to the CVDD, DVDD, AVDD, PIUVDD, and VDD3 pins.
Remark
IDD2 and IDD3 do not reach the maximum value at the same time in the Fullspeed mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com