Electronic Components Datasheet Search
  English  ▼

X  

UPD78P014 Datasheet(PDF) 23 Page - NEC

Part # UPD78P014
Description  8-BIT SINGLE-CHIP MICROCOMPUTER
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD78P014 Datasheet(HTML) 23 Page - NEC

Back Button UPD78P014 Datasheet HTML 19Page - NEC UPD78P014 Datasheet HTML 20Page - NEC UPD78P014 Datasheet HTML 21Page - NEC UPD78P014 Datasheet HTML 22Page - NEC UPD78P014 Datasheet HTML 23Page - NEC UPD78P014 Datasheet HTML 24Page - NEC UPD78P014 Datasheet HTML 25Page - NEC UPD78P014 Datasheet HTML 26Page - NEC UPD78P014 Datasheet HTML 27Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 62 page
background image
23
µPD78P014
5.
ERASURE PROCEDURE (
µPD78P014DW ONLY)
With the
µPD78P014DW, it is possible to erase (set to FFH) data written to the program memory, and rewrite the
memory.
The data can be erased by exposing the window to light with a wavelength of approximately 400 nm or less.
Usually, exposure is performed with ultraviolet light with a wavelength of 254 nm. The amount of exposing required
for complete erasure is shown below.
•
UV intensity x erasure time: 15 W•s/cm2 or more
•
Erasure time: 15 to 20 minutes (using a 12,000
µW/cm2 ultraviolet lamp. A longer erasure time may be
required in case of deterioration of the ultraviolet lamp or dirt on the erasure window).
Erasure should be carried out with the ultraviolet lamp placed at a distance of 2.5 cm or less from the window.
If the ultraviolet lamp is fitted with a filter, this should be removed before performing exposure.
6.
OPAQUE FILM FOR ERASURE WINDOW (
µPD78P014DW ONLY)
An opaque film should be applied to the erasure window except when erasing the EPROM contents, in order to
prevent the EPROM contents from being unintentionally erased by light other than from the erasure lamp, and the
internal circuits other than EPROM from misoperation due to light.
7.
ONE-TIME PROM VERSION SCREENING
One-time PROM versions (
µPD78P014CW and µPD78P014GC-AB8) cannot be fully tested and shipped by NEC for
reasons related to their structure. It is recommended that after writing the necessary data and storing at high
temperature under the following conditions, screening should be conducted to verify the PROM.
Storage Temperature
Storage Time
125
°C
24 hours
NEC provides charged services for one-time PROM writing, marking, screening, and verification, under the name
“QTOP Microcomputer”. Contact NEC for details.
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com