Electronic Components Datasheet Search
  English  ▼

X  

UPD78P014 Datasheet(PDF) 37 Page - NEC

Part # UPD78P014
Description  8-BIT SINGLE-CHIP MICROCOMPUTER
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD78P014 Datasheet(HTML) 37 Page - NEC

Back Button UPD78P014 Datasheet HTML 33Page - NEC UPD78P014 Datasheet HTML 34Page - NEC UPD78P014 Datasheet HTML 35Page - NEC UPD78P014 Datasheet HTML 36Page - NEC UPD78P014 Datasheet HTML 37Page - NEC UPD78P014 Datasheet HTML 38Page - NEC UPD78P014 Datasheet HTML 39Page - NEC UPD78P014 Datasheet HTML 40Page - NEC UPD78P014 Datasheet HTML 41Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 62 page
background image
37
µPD78P014
A/D Converter Characteristics (Ta = –40 to +85
°C, AVDD = VDD = 2.7 to 6.0 V, AVSS = VSS = 0 V)
Test Conditions
Symbol
tCONV
tSAMP
VIAN
AVREF
IREF
Parameter
Resolution
Overall errorNote
Conversion time
Sampling time
Analog input voltage
Reference voltage
AVREF current
MIN.
TYP.
MAX.
Unit
888
bit
0.6
%
19.1
200
µs
24/fx
µs
AVSS
AVREF
V
2.7
AVDD
V
0.5
1.5
mA
Note Excluding quantization error (
±1/2LSB). Shown as a percentage of the full scale value.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com