Electronic Components Datasheet Search
  English  ▼

X  

UPD78P014 Datasheet(PDF) 18 Page - NEC

Part # UPD78P014
Description  8-BIT SINGLE-CHIP MICROCOMPUTER
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD78P014 Datasheet(HTML) 18 Page - NEC

Back Button UPD78P014 Datasheet HTML 14Page - NEC UPD78P014 Datasheet HTML 15Page - NEC UPD78P014 Datasheet HTML 16Page - NEC UPD78P014 Datasheet HTML 17Page - NEC UPD78P014 Datasheet HTML 18Page - NEC UPD78P014 Datasheet HTML 19Page - NEC UPD78P014 Datasheet HTML 20Page - NEC UPD78P014 Datasheet HTML 21Page - NEC UPD78P014 Datasheet HTML 22Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 62 page
background image
18
µPD78P014
3.
INTERNAL MEMORY SIZE SWITCHING REGISTER (IMS)
This register is used to prevent part of the internal memory from being used by software. Setting the internal
memory size switching register (IMS) enables memory mapping identical to that of a mask ROM version with
different internal memory (ROM and RAM) to be used.
The IMS register is set by an 8-bit memory manipulation instruction.
RESET input sets this register to C8H.
Figure 3-1. Internal Memory Size Switching Register Format
7
6
5
4
3
2
1
0
Address
At Reset
R/W
FFF0H
C8H
W
IMS
RAM2 RAM1 RAM0
0
ROM3 ROM2 ROM1 ROM0
The IMS set values to make the memory map identical to various mask ROM versions are shown in Table 3-1.
Table 3-1. Examples of Internal Memory Size Switching Register Settings
IMS Set Value
Target Mask ROM Version
IMS Set Value
Target Mask ROM Version
µPD78001B
µPD78002B
µPD78011B
ROM3 ROM2 ROM1 ROM0
Internal ROM Capacity Selection
0
0
0
1
4 K bytes
0
0
1
0
8 K bytes
0
1
0
0
16 K bytes
0
1
1
0
24 K bytes
1
0
0
0
32K bytes
Setting prohibited
RAM2 RAM1 RAM0
Internal High-Speed RAM Capacity Selec-
tion
0
0
0
768 bytes
0
0
1
640 bytes
0
1
0
512 bytes
0
1
1
384 bytes
1
0
0
256 bytes
1
0
1
Setting prohibited
1
1
0
1024 bytes
1
1
1
896 bytes
Other than above
44H
C6H
C8H
µPD78012B
µPD78013
µPD78014
82H
64H
42H



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com