Electronic Components Datasheet Search
  English  ▼

X  

UPD78P014 Datasheet(PDF) 29 Page - NEC

Part # UPD78P014
Description  8-BIT SINGLE-CHIP MICROCOMPUTER
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD78P014 Datasheet(HTML) 29 Page - NEC

Back Button UPD78P014 Datasheet HTML 25Page - NEC UPD78P014 Datasheet HTML 26Page - NEC UPD78P014 Datasheet HTML 27Page - NEC UPD78P014 Datasheet HTML 28Page - NEC UPD78P014 Datasheet HTML 29Page - NEC UPD78P014 Datasheet HTML 30Page - NEC UPD78P014 Datasheet HTML 31Page - NEC UPD78P014 Datasheet HTML 32Page - NEC UPD78P014 Datasheet HTML 33Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 62 page
background image
29
µPD78P014
Test Conditions
VOUT = VDD
VOUT = 0 V
VIN = 0 V, P01 to P03,
P10 to P17, P20 to P27,
4.5 V
≤ V
DD ≤ 6.0 V
P30 to P37, P40 to P47,
P50 to P57, P64 to P67
2.7 V
≤ V
DD < 4.5 V
8.38 MHz crystal oscilla-
VDD = 5.0 V
± 10%Note 1
tion operating mode
VDD = 3.0 V
± 10%Note 2
8.38 MHz crystal oscilla-
VDD = 5.0 V
± 10%
tion HALT mode
VDD = 3.0 V
± 10%
32.768 kHz crystal oscilla- VDD = 5.0 V
± 10%
tion operating mode
VDD = 3.0 V
± 10%
32.768 kHz crystal oscilla- VDD = 5.0 V
± 10%
tion HALT mode
VDD = 3.0 V
± 10%
XT1 = 0 V
VDD = 5.0 V
± 10%
STOP mode
VDD = 3.0 V
± 10%
Feedback resistor used
XT1 = 0 V
VDD = 5.0 V
± 10%
STOP mode
Feedback resistor
VDD = 3.0 V
± 10%
not used
DC Characteristics (Ta = –40 to +85
°C, VDD = 2.7 to 6.0 V)
MIN.
TYP.
MAX.
Unit
3
µA
–3
µA
15
40
90
k
Ω
20
500
k
Ω
927
mA
13
mA
1.4
4.2
mA
550
1650
µA
90
180
µA
50
100
µA
25
50
µA
510
µA
130
µA
0.5
10
µA
0.1
30
µA
0.05
10
µA
Symbol
ILOH1
ILOL
R2
IDD1
IDD2
IDD3
IDD4
IDD5
IDD6
Parameter
Output leakage current
high
Output leakage current
low
Software pull-up resistor
Supply currentNote 3
Notes 1. High-speed mode operation (when processor clock control register is set to 00H).
2. Low-speed mode operation (when processor clock control register is set to 04H).
3. Not including AVREF currents or port currents
Remark Unless otherwise specified, alternate function pin characteristics are the same as port pin characteristics.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com