Electronic Components Datasheet Search
  English  ▼

X  

UPD78P014 Datasheet(PDF) 28 Page - NEC

Part # UPD78P014
Description  8-BIT SINGLE-CHIP MICROCOMPUTER
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD78P014 Datasheet(HTML) 28 Page - NEC

Back Button UPD78P014 Datasheet HTML 24Page - NEC UPD78P014 Datasheet HTML 25Page - NEC UPD78P014 Datasheet HTML 26Page - NEC UPD78P014 Datasheet HTML 27Page - NEC UPD78P014 Datasheet HTML 28Page - NEC UPD78P014 Datasheet HTML 29Page - NEC UPD78P014 Datasheet HTML 30Page - NEC UPD78P014 Datasheet HTML 31Page - NEC UPD78P014 Datasheet HTML 32Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 62 page
background image
28
µPD78P014
Test Conditions
P10 to P17, P21, P23, P30 to P32, P35 to P37,
P40 to P47, P50 to P57, P64 to P67
P00 to P03, P20, P22, P24 to P27, P33, P34, RESET
P60 to P63
Open-drain
X1, X2
XT1/P04, XT2
VDD = 4.5 to 6.0 V
P10 to P17, P21, P23, P30 to P32, P35 to P37,
P40 to P47, P50 to P57, P64 to P67
P00 to P03, P20, P22, P24 to P27, P33, P34, RESET
P60 to P63
VDD = 4.5 to 6.0 V
X1, X2
XT1/P04, XT2
VDD = 4.5 to 6.0 V
VDD = 4.5 to 6.0 V, IOH = –1 mA
IOH = –100
µA
P50 to P57, P60 to P63
VDD = 4.5 to 6.0 V,
IOL = 15 mA
P01 to P03, P10 to P17,
P20 to P27, P30 to P37,
V
DD = 4.5 to 6.0 V,
P40 to P47, P64 to P67
I
OL = 1.6 mA
VDD = 4.5 to 6.0 V,
SB0, SB1, SCK0
open-drain, pulled
high (R = 1 k
Ω)
IOL = 400
µA
P00 to P03, P10 to P17,
P20 to P27, P30 to P37,
VIN = VDD
P40 to P47, P50 to P57,
P60 to P67, RESET
X1, X2, XT1/P04, XT2
VIN = 15 V
P60 to P63
P00 to P03, P10 to P17,
P20 to P27, P30 to P37,
VIN = 0 V
P40 to P47, P50 to P57,
P60 to P67, RESET
X1, X2, XT1/P04, XT2
Symbol
VIH1
VIH2
VIH3
VIH4
VIH5
VIL1
VIL2
VIL3
VIL4
VIL5
VOH1
VOL1
VOL2
VOL3
ILIH1
ILIH2
ILIH3
ILIL1
ILIL2
DC Characteristics (Ta = –40 to +85
°C, VDD = 2.7 to 6.0 V)
Remark Unless otherwise specified, alternate function pin characteristics are the same as port pin characteristics.
Parameter
Input voltage high
Input voltage low
Output voltage high
Output voltage low
Input leakage current
high
Input leakage current low
MIN.
TYP.
MAX.
Unit
0.7 VDD
VDD
V
0.8 VDD
VDD
V
0.7 VDD
15
V
VDD – 0.5
VDD
V
VDD – 0.5
VDD
V
VDD – 0.3
VDD
V
0
0.3 VDD
V
0
0.2 VDD
V
0
0.3 VDD
V
0
0.2 VDD
V
0
0.4
V
0
0.4
V
0
0.3
V
VDD – 1.0
V
VDD – 0.5
V
0.4
2.0
V
0.4
V
0.2 VDD
V
0.5
V
3
µA
20
µA
80
µA
–3
µA
–20
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com